| Zakładka z wyszukiwarką danych komponentów |
|
SARA-R422S-00B Arkusz danych(PDF) 34 Page - u-blox AG |
|
|
|||||||||||||||||||||||||||||
SARA-R422S-00B Arkusz danych(HTML) 34 Page - u-blox AG |
|
34 / 43 page ![]() SARA-R4 series - Data sheet UBX-16024152 - R18 Product handling & soldering Page 34 of 43 7 Product handling & soldering 7.1 Packaging SARA-R4 series modules are delivered as hermetically sealed, reeled tapes to enable efficient production, production lot set-up and tear-down. For more information about packaging, see the u-blox package information user guide [3]. 7.1.1 Reels SARA-R4 series modules are deliverable in quantities of 250 pieces on a reel. The modules are delivered using reel type B2 described in Figure 4 and in the u-blox package information user guide [3]. Figure 4: SARA-R4 series modules reel Parameter Specification Reel type B2 Delivery quantity 250 Table 30: Reel information for SARA-R4 series modules Quantities of less than 250 pieces are also available. Contact u-blox for more information. |