| Zakładka z wyszukiwarką danych komponentów |
|
LSM303CTR Arkusz danych(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LSM303CTR Arkusz danych(HTML) 1 Page - STMicroelectronics |
|
1 / 53 page ![]() This is information on a product in full production. June 2014 DocID024975 Rev 2 1/53 LSM303C Ultra-compact high-performance eCompass module: 3D accelerometer and 3D magnetometer Datasheet - production data Features 3 magnetic field channels and 3 acceleration channels ±16 gauss magnetic full scale ±2/±4/±8 g selectable acceleration full scale 16-bit data output SPI / I2C serial interfaces Analog supply voltage 1.9 V to 3.6 V Power-down mode / low-power mode Programmable interrupt generators for free- fall, motion detection and magnetic field detection Embedded temperature sensor Embedded FIFO ECOPACK®, RoHS and “Green” compliant Applications Tilt-compensated compasses Map rotation Position detection Motion-activated functions Free-fall detection Click/double-click recognition Pedometer Intelligent power saving for handheld devices Display orientation Gaming and virtual reality input devices Impact recognition and logging Vibration monitoring and compensation Description The LSM303C is a system-in-package featuring a 3D digital linear acceleration sensor and a 3D digital magnetic sensor. The LSM303C has linear acceleration full scales of ±2 g / ±4 g / ±8 g and a magnetic field full scale of ±16 gauss. The LSM303C includes an I2C serial bus interface that supports standard and fast mode (100 kHz and 400 kHz) and an SPI serial standard interface. The system can be configured to generate an interrupt signal for free-fall, motion detection and magnetic field detection. The magnetic and accelerometer blocks can be enabled or put into power-down mode separately. The LSM303C is available in a plastic land grid array package (LGA) and is guaranteed to operate over an extended temperature range from -40 °C to +85 °C. LGA-12 (2.0x2.0x1.0 mm) Table 1. Device summary Part number Temperature range [°C] Package Packaging LSM303C -40 to +85 LGA-12 Tray LSM303CTR -40 to +85 LGA-12 Tape and reel www.st.com Downloaded from Arrow.com. |
Podobny numer części - LSM303CTR |
|
Podobny opis - LSM303CTR |