Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FS32K112XAT0VLHT Arkusz danych(PDF) 52 Page - NXP Semiconductors

Numer części FS32K112XAT0VLHT
Szczegółowy opis  Voltage range: 2.7 V to 5.5 V Low-power Arm Cortex-M4F/M0 core with excellent energy efficiency
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS32K112XAT0VLHT Arkusz danych(HTML) 52 Page - NXP Semiconductors

Back Button FS32K112XAT0VLHT Datasheet HTML 48Page - NXP Semiconductors FS32K112XAT0VLHT Datasheet HTML 49Page - NXP Semiconductors FS32K112XAT0VLHT Datasheet HTML 50Page - NXP Semiconductors FS32K112XAT0VLHT Datasheet HTML 51Page - NXP Semiconductors FS32K112XAT0VLHT Datasheet HTML 52Page - NXP Semiconductors FS32K112XAT0VLHT Datasheet HTML 53Page - NXP Semiconductors FS32K112XAT0VLHT Datasheet HTML 54Page - NXP Semiconductors FS32K112XAT0VLHT Datasheet HTML 55Page - NXP Semiconductors FS32K112XAT0VLHT Datasheet HTML 56Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 100 page
background image
Table 39. QuadSPI electrical specifications (continued)
FLASH PORT
Sym
Unit
FLASH A
FLASH B
RUN1
HSRUN1
RUN/HSRUN2
QuadSPI Mode
SDR
SDR
SDR
DDR3
Internal
Sampling
Internal DQS
Internal
Sampling
Internal DQS
Internal
Sampling
External DQS
N1
PAD
Loopback
Internal
Loopback
N1
PAD
Loopback
Internal
Loopback
N1
External DQS
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
SCK Duty Cycle
tSDC
ns
Data Input Setup Time
tIS
ns
15
-
2.5
-
10
-
14
-
1.6
-
9
-
25
-
2
-
Data Input Hold Time
tIH
ns
0
-
1
-
1
-
0
-
1
-
1
-
0
-
20
-
Data Output Valid Time
tOV
ns
-
4.5
-
4.5
-
4.5
-
4
-
4
-
4
-
10
-
10
Data Output In-Valid
Time
tIV
ns
-
5
-
5
-
5
-
5
-
35
-
5
-
5
5
-
CS to SCK Time 6
tCSSCK
ns
5
-
5
-
5
-
5
-
5
-
5
-
10
-
10
-
SCK to CS Time 7
tSCKCS
ns
5
-
5
-
5
-
5
-
5
-
5
-
5
-
5
-
Output Load
pf
25
25
25
25
25
25
25
25
1.
See Reference Manual for details on mode settings
2.
See Reference Manual for details on mode settings
3.
Valid for HyperRAM only
4.
RWDS(External DQS CLK) frequency
5.
For operating frequency ≤ 64 Mhz,Output invalid time is 5 ns.
6.
Program register value QuadSPI_FLSHCR[TCSS] = 4`h2
7.
Program register value QuadSPI_FLSHCR[TCSH] = 4`h1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com