Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

0900BL15C050 Arkusz danych(PDF) 7 Page - Silicon Laboratories

Numer części 0900BL15C050
Szczegółowy opis  EFR32FG 2.4 GHz / 915 MHz Dual Band 19.5 dBm Radio Board BRD4250A Reference Manual
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SILABS [Silicon Laboratories]
Strona internetowa  http://www.silabs.com
Logo SILABS - Silicon Laboratories

0900BL15C050 Arkusz danych(HTML) 7 Page - Silicon Laboratories

Back Button 0900BL15C050 Datasheet HTML 3Page - Silicon Laboratories 0900BL15C050 Datasheet HTML 4Page - Silicon Laboratories 0900BL15C050 Datasheet HTML 5Page - Silicon Laboratories 0900BL15C050 Datasheet HTML 6Page - Silicon Laboratories 0900BL15C050 Datasheet HTML 7Page - Silicon Laboratories 0900BL15C050 Datasheet HTML 8Page - Silicon Laboratories 0900BL15C050 Datasheet HTML 9Page - Silicon Laboratories 0900BL15C050 Datasheet HTML 10Page - Silicon Laboratories 0900BL15C050 Datasheet HTML 11Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
Table 4.1. Bill of Materials for the BRD4250A 915 MHz 19.5 dBm RF Matching Network
Component name
Value
Manufacturer
Part Number
BAL1
Balun
Johanson Technology
0900BL15C050
C3
1.8 pF
Murata
GRM1555C1H1R8WA01
C4
1.8 pF
Murata
GRM1555C1H1R8WA01
C5
3.9 pF
Murata
GRM1555C1H3R9WA01
C6
3.3 pF
Murata
GRM1555C1H3R3BA01
C7
5.6 pF
Murata
GRM1555C1H5R6BA01
C8
3.3 pF
Murata
GRM1555C1H3R3BA01
C10
56 pF
Murata
GRM1555C1H560GA01
L3
3.3 nH
Murata
LQW15AN3N3B80
L4
3.3 nH
Murata
LQW15AN3N3B80
L5
18 nH
Murata
LQW15AN18NG00
L6
10 nH
Murata
LQW15AN10NJ00
L7
10 nH
Murata
LQW15AN10NJ00
4.5 Bill of Materials for the 2.4 GHz Matching
The Bill of Materials of the 2.4 GHz matching network of the BRD4250A Radio Board is shown in the following table.
Table 4.2. Bill of Materials for the BRD4250A 2.4 GHz 19.5 dBm RF Matching Network
Component name
Value
Manufacturer
Part Number
C1
2.0 pF
Murata
GRM1555C1H2R0WA01
C2
1.0 pF
Murata
GRM1555C1H1R0WA01
L1
1.8 nH
Murata
LQP15MN1N8W02
L2
3.0 nH
Murata
LQP15MN3N0W02
4.6 Inverted-F Antenna
The BRD4250A Radio Board includes an on-board printed Inverted-F Antenna tuned for the 2.4 GHz band. Due to the design restric-
tions of the Radio Board the input of the antenna and the output of the matching network can't be placed directly next to each other thus
a 50 Ohm transmission line was necessary to connect them. The resulting impedance and reflection measured at the output of the
matcing network are shown in the following figure. As it can be observed the impedance is close to 50 Ohm (the reflection is better than
-10 dB) for the entire 2.4 GHz band.
BRD4250A Reference Manual
RF Section
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.00 | 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com