Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

F12N65 Arkusz danych(PDF) 4 Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd

Numer części F12N65
Szczegółowy opis  12A 650V N-channel Enhancement Mode Power MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  WXDH [Jiangsu Donghai Semiconductor Technology Co.,Ltd]
Strona internetowa  http://www.jswxdh.cn
Logo WXDH - Jiangsu Donghai Semiconductor Technology Co.,Ltd

F12N65 Arkusz danych(HTML) 4 Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd

  F12N65 Datasheet HTML 1Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd F12N65 Datasheet HTML 2Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd F12N65 Datasheet HTML 3Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd F12N65 Datasheet HTML 4Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd F12N65 Datasheet HTML 5Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd F12N65 Datasheet HTML 6Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd F12N65 Datasheet HTML 7Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd F12N65 Datasheet HTML 8Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd F12N65 Datasheet HTML 9Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
ROUM Semiconductor Technology CO.,LTD.
Rev. 1.0
www.roum.cn
Page 4 of 11
F12N65
5
Typical characteristics diagrams



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com