Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS912AIYDT Arkusz danych(PDF) 17 Page - STMicroelectronics

Numer części TS912AIYDT
Szczegółowy opis  Rail-to-rail CMOS dual operational amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS912AIYDT Arkusz danych(HTML) 17 Page - STMicroelectronics

Back Button TS912AIYDT Datasheet HTML 13Page - STMicroelectronics TS912AIYDT Datasheet HTML 14Page - STMicroelectronics TS912AIYDT Datasheet HTML 15Page - STMicroelectronics TS912AIYDT Datasheet HTML 16Page - STMicroelectronics TS912AIYDT Datasheet HTML 17Page - STMicroelectronics TS912AIYDT Datasheet HTML 18Page - STMicroelectronics TS912AIYDT Datasheet HTML 19Page - STMicroelectronics TS912AIYDT Datasheet HTML 20Page - STMicroelectronics TS912AIYDT Datasheet HTML 21Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
TS912, TS912A, TS912B
Package information
Doc ID 2325 Rev 7
17/21
5.1
DIP8 package information
Figure 15.
DIP8 package outline
Table 6.
DIP8 package mechanical data
Symbol
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
5.33
0.210
A1
0.38
0.015
A2
2.92
3.30
4.95
0.115
0.130
0.195
b
0.36
0.46
0.56
0.014
0.018
0.022
b2
1.14
1.52
1.78
0.045
0.060
0.070
c
0.20
0.25
0.36
0.008
0.010
0.014
D
9.02
9.27
10.16
0.355
0.365
0.400
E
7.62
7.87
8.26
0.300
0.310
0.325
E1
6.10
6.35
7.11
0.240
0.250
0.280
e
2.54
0.100
eA
7.62
0.300
eB
10.92
0.430
L
2.92
3.30
3.81
0.115
0.130
0.150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21