| Zakładka z wyszukiwarką danych komponentów |
|
W5200 Arkusz danych(PDF) 70 Page - WIZnet Co., Ltd |
|
|
|||||||||||||||||||||||||||||
W5200 Arkusz danych(HTML) 70 Page - WIZnet Co., Ltd |
|
70 / 88 page ![]() © Copyright 2013 WIZnet Co.,Ltd. All rights reserved. 70 { START: /* sets MAC raw mode with enabling MAC filter */ S0_MR = 0x44; /* sets OPEN command */ S0_CR = OPEN; /* wait until Sn_SR is changed to SOCK_MACRAW */ if (Sn_SR != SOCK_MACRAW) S0_CR = CLOSE; goto START; } ▪If the free size of the internal RX memory is smaller than ‘1528 - Default MTU(1514)+PACKET INFO(2) + DATA packet(8) + CRC(4)’, close the SOCKET and process all received data. Then reopen the SOCKET. After closing the SOCKET, the received MACRAW data from closing time can be lost. { /* check the free size of internal RX memory */ if((Sn_RXMEM_SIZE(0) * 1024) - Sn_RX_RSR0(0) < 1528) { recved_size = Sn_RX_RSR0(0); /* backup Sn_RX_RSR */ Sn_CR0 = CLOSE; /* SOCKET Closed */ while(Sn_SR != SOCK_CLOSED); /* wait until SOCKET is closed */ /* process all data remained in internal RX memory */ while(recved_size> 0) {/* calculate offset address */ src_mask = Sn_RX_RD&gSn_RX_MASK; // src_mask is offset address /* calculate start address(physical address) */ src_ptr = gSn_RX_BASE + src_mask; // src_ptr is physical start address /* if overflow SOCKET RX memory */ If((src_mask + len) > (gSn_RX_MASK + 1)) { /* copy upper_size bytes of get_start_address to destination_address */ upper_size = (gSn_RX_MASK + 1) – src_mask; memcpy(src_ptr, dst_addr, upper_size); /* update destination_address */ dst_address += upper_size; /* copy left_size bytes of gSn_RX_BASE to destination_address */ left_size = len – upper_size; memcpy(src_ptr, dst_addr, left_size); } |