Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC1D Arkusz danych(PDF) 2 Page - Schneider Electric

Numer części LC1D
Szczegółowy opis  AC/DC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SCHNEIDER [Schneider Electric]
Strona internetowa  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

LC1D Arkusz danych(HTML) 2 Page - Schneider Electric

  LC1D Datasheet HTML 1Page - Schneider Electric LC1D Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2/2
W9 1378304 0211 A09
© 2016 Schneider Electric - All rights reserved.
Schneider Electric Industries SAS
35, rue Joseph Monier
CS 30323
F - 92506 Rueil Malmaison Cedex
www.schneider-electric.com
LC1D09/
D12
LC1DT20/
DT25/
D098/D128
LC1D18 LC1D25/
D32/D38
LC1DT32/
DT40/
D188/D258
LC1D,
LA
8 mm
5/16"
12 mm
6/13"
8 mm
5/16"
10 mm
3/8"
12 mm
6/13"
8 mm
5/16"
[mm²]
1…4
1…4
1.5…6
2.5…10 2.5…10
1…4
[mm²]
1…4
1…4
1.5…6
2.5…10 2.5…10
1…4
[mm²]
1…4
1…4
1…6
1…10
2.5…10
1…4
[mm²]
1…2.5
1…2.5
1…4
1.5…6
2.5…10
1…2.5
[mm²]
1…4
1…4
1.5…6
1.5…10 2.5…16
1…4
[mm²]
1…4
1…4
1.5…6
2.5…10 2.5…16
1…4
AWG 10-18
CU 75°C
10-18
CU 75°C
8-18
CU 75°C
6-14
CU 75°C
8-12
CU 75°C
10-18
CU 75°C
6 mm
6 mm
6 mm
6 mm
6 mm
6 mm
C
1.7 N.m
15 lb-in
1.7 N.m
15 lb-in
1.7 N.m
15 lb-in
2.5 N.m
22 lb-in
1.8 N.m
16 lb-in
1.7 N.m
15 lb-in
WARNING / 警告
RISK OF FIRE OR ELECTRIC SHOCK (FOR CONTACTOR WITH UL HI-FAULT
SHORT CIRCUIT CURRENT RATINGS ONLY)
The opening of the branch-circuit protective device may be an indication that a
fault current has been interrupted.
components of the controller should be examined and replaced if damaged.
Failure to follow these instructions can result in death, serious injury, or
equipment damage.
可能有火灾或者触电的危险(仅限UL高故障短路电流额定值的接触器)。
支路保护设备断开,表明故障电流已被中断。
为降低火灾或触电风险,应检查带电部件和 其他控制元件,如有损坏,需及时更换。
不遵循上述规定将可能导致人员伤亡或设备损坏。
Hermetic refrigeration compressor
特定用途额定值,3 相,断开所有线路
封闭式制冷压缩机设备
LRA
Device
FLA
240 V
480 V
600 V
LC1D09
9
54
45
36
LC1D12
12
72
60
48
LC1D18
18
108
90
72
LC1D25
25
150
125
100
LC1D32
32
192
160
128
Only applicable for UL/CSA marked products except DC coil.
Definite Purpose ratings, 3 Phase, Load wiring:
breaking all lines



Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com