| Zakładka z wyszukiwarką danych komponentów |
|
IS25LP032A-RBLE Arkusz danych(PDF) 2 Page - Integrated Silicon Solution, Inc |
|
|
|||||||||||||||||||||||||||||
IS25LP032A-RBLE Arkusz danych(HTML) 2 Page - Integrated Silicon Solution, Inc |
|
2 / 99 page ![]() IS25LP064A/032A Integrated Silicon Solution, Inc.- www.issi.com 2 Rev. A 11/06/2015 FEATURES Industry Standard Serial Interface - IS25LP064A: 64Mbit/8Mbyte - IS25LP032A: 32Mbit/4Mbyte - 256 bytes per Programmable Page - Supports standard SPI, Fast, Dual, Dual I/O, Quad, Quad I/O, SPI DTR, Dual I/O DTR, Quad I/O DTR, and QPI - Double Transfer Rate (DTR) option - Supports Serial Flash Discoverable Parameters (SFDP) High Performance Serial Flash (SPI) - 133Mhz Fast Read at Vcc=2.7V to 3.6V - 104Mhz Fast Read at Vcc=2.3V to 3.6V - 532MHz equivalent at QPI operation - 50MHz Normal Read - DTR (Dual Transfer Rate) up to 66MHz - Selectable dummy cycles - Configurable drive strength - Supports SPI Modes 0 and 3 - More than 100,000 erase/program cycles - More than 20-year data retention Flexible & Efficient Memory Architecture - Chip Erase with Uniform Sector/Block Erase (4/32/64 Kbyte) - Program 1 to 256 bytes per page - Program/Erase Suspend & Resume Efficient Read and Program modes - Low Instruction Overhead Operations - Continuous Read 8/16/32/64-Byte burst Wrap - Selectable burst length - QPI for reduced instruction overhead Low Power with Wide Temp. Ranges - Single 2.3V to 3.6V Voltage Supply - 5 mA Active Read Current (typ.) - 10 µA Standby Current (typ.) - 5 µA Deep Power Down (typ.) - Temp Grades: Extended: -40°C to +105°C Extended+: -40°C to +125°C (1) Auto Grade: up to +125°C Note: 1. Extended+ should not be used for Automotive. Advanced Security Protection - Software and Hardware Write Protection - Power Supply lock protect - 4x256-Byte dedicated security area with OTP user-lockable bits - 128 bit Unique ID for each device (Call Factory) Industry Standard Pin-out & Packages(1),(2) - B = 8-pin SOIC 208mil - F = 8-pin VSOP 208mil - K = 8-contact WSON 6x5mm - L = 8-contact WSON 8x6mm - M = 16-pin SOIC 300mil (3) - G= 24-ball TFBGA 6x8mm 4x6 (3) - H = 24-ball TFBGA 6x8mm 5x5 (Call Factory) (3) - KGD (Call Factory) Notes: 1. Call Factory for other package options available. 2. For the RESET# pin option instead of HOLD# pin, call Factory. 3. For the dedicated RESET# option, see the Ordering Information 64/32Mb 3V SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE |