Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IS25LP032A-RKLA1 Arkusz danych(PDF) 84 Page - Integrated Silicon Solution, Inc

Numer części IS25LP032A-RKLA1
Szczegółowy opis  3V SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ISSI [Integrated Silicon Solution, Inc]
Strona internetowa  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP032A-RKLA1 Arkusz danych(HTML) 84 Page - Integrated Silicon Solution, Inc

Back Button IS25LP032A-RKLA1 Datasheet HTML 80Page - Integrated Silicon Solution, Inc IS25LP032A-RKLA1 Datasheet HTML 81Page - Integrated Silicon Solution, Inc IS25LP032A-RKLA1 Datasheet HTML 82Page - Integrated Silicon Solution, Inc IS25LP032A-RKLA1 Datasheet HTML 83Page - Integrated Silicon Solution, Inc IS25LP032A-RKLA1 Datasheet HTML 84Page - Integrated Silicon Solution, Inc IS25LP032A-RKLA1 Datasheet HTML 85Page - Integrated Silicon Solution, Inc IS25LP032A-RKLA1 Datasheet HTML 86Page - Integrated Silicon Solution, Inc IS25LP032A-RKLA1 Datasheet HTML 87Page - Integrated Silicon Solution, Inc IS25LP032A-RKLA1 Datasheet HTML 88Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 99 page
background image
IS25LP064A/032A
Integrated Silicon Solution, Inc.- www.issi.com
84
Rev. A
11/06/2015
9.6 AC CHARACTERISTICS
(Under operating range, refer to section 9.4 for AC measurement conditions)
Symbol
Parameter
Min
Typ
(3)
Max
Units
fCT
Clock Frequency for fast read mode:
SPI, Dual, Dual I/O, Quad I/O, and
QPI.
Vcc=2.7V~3.6V
0
133
MHz
Vcc=2.3V~3.6V
0
104
MHz
fC2, fT2, fQ2
Clock Frequency for fast read DTR:
SPI DTR, Dual DTR, Dual I/O DTR, Quad I/O DTR, and
QPI DTR.
0
66
MHz
fC
Clock Frequency for read mode SPI
0
50
MHz
tCLCH
(1)
SCK Rise Time (peak to peak)
0.1
V/ns
tCHCL
(1)
SCK Fall Time ( peak to peak)
0.1
V/ns
tCKH
SCK High Time
For read mode
45% fC
ns
For others
45% fCT/C2/T2/Q2
tCKL
SCK Low Time
For read mode
45% fC
ns
For others
45% fCT/C2/T2/Q2
tCEH
CE# High Time
7
ns
tCS
CE# Setup Time
6
ns
tCH
CE# Hold Time
6
ns
tDS
Data In Setup Time
Normal Mode
2
ns
DTR Mode
1.5
tDH
Data in Hold Time
Normal Mode
2
ns
DTR Mode
1.5
tV
Output Valid
@ 133MHz (CL = 15pF)
7
ns
@ 104MHz (CL = 30pF)
8
tOH
Output Hold Time
2
ns
tDIS
(1)
Output Disable Time
8
ns
tHLCH
HOLD Active Setup Time relative to SCK
5
ns
tCHHH
HOLD Active Hold Time relative to SCK
5
ns
tHHCH
HOLD Not Active Setup Time relative to SCK
5
ns
tCHHL
HOLD Not Active Hold Time relative to SCK
5
ns
tLZ
(1)
HOLD to Output Low Z
12
ns
tHZ
(1)
HOLD to Output High Z
12
ns
tEC
Sector Erase Time (4Kbyte)
70
300
ms
Block Erase Time (32Kbyte)
0.1
0.5
s
Block Erase time (64Kbyte)
0.15
1.0
s
Chip Erase Time
32Mb
8
23
s
64Mb
16
45
tPP
Page Program Time
0.2
0.8
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com