Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IS25LP032A-RLLA1 Arkusz danych(PDF) 15 Page - Integrated Silicon Solution, Inc

Numer części IS25LP032A-RLLA1
Szczegółowy opis  3V SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ISSI [Integrated Silicon Solution, Inc]
Strona internetowa  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP032A-RLLA1 Arkusz danych(HTML) 15 Page - Integrated Silicon Solution, Inc

Back Button IS25LP032A-RLLA1 Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS25LP032A-RLLA1 Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS25LP032A-RLLA1 Datasheet HTML 13Page - Integrated Silicon Solution, Inc IS25LP032A-RLLA1 Datasheet HTML 14Page - Integrated Silicon Solution, Inc IS25LP032A-RLLA1 Datasheet HTML 15Page - Integrated Silicon Solution, Inc IS25LP032A-RLLA1 Datasheet HTML 16Page - Integrated Silicon Solution, Inc IS25LP032A-RLLA1 Datasheet HTML 17Page - Integrated Silicon Solution, Inc IS25LP032A-RLLA1 Datasheet HTML 18Page - Integrated Silicon Solution, Inc IS25LP032A-RLLA1 Datasheet HTML 19Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 99 page
background image
IS25LP064A/032A
Integrated Silicon Solution, Inc.- www.issi.com
15
Rev. A
11/06/2015
6. REGISTERS
The IS25LP064A/032A has three sets of Registers: Status, Function and Read.
6.1 STATUS REGISTER
Status Register Format and Status Register Bit Definitions are described in Table 6.1 & Table 6.2.
Table 6.1 Status Register Format
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
SRWD
QE
BP3
BP2
BP1
BP0
WEL
WIP
Default
0
0
0
0
0
0
0
0
Table 6.2 Status Register Bit Definition
Bit
Name
Definition
Read-
/Write
Type
Bit 0
WIP
Write In Progress Bit:
"0" indicates the device is ready(default)
"1" indicates a write cycle is in progress and the device is busy
R
Volatile
Bit 1
WEL
Write Enable Latch:
"0" indicates the device is not write enabled (default)
"1" indicates the device is write enabled
R/W
1
Volatile
Bit 2
BP0
Block Protection Bit: (See Table 6.4 for details)
"0" indicates the specific blocks are not write-protected (default)
"1" indicates the specific blocks are write-protected
R/W
Non-Volatile
Bit 3
BP1
Bit 4
BP2
Bit 5
BP3
Bit 6
QE
Quad Enable bit:
“0” indicates the Quad output function disable (default)
“1” indicates the Quad output function enable
R/W
Non-Volatile
Bit 7
SRWD
Status Register Write Disable: (See Table 7.1 for details)
"0" indicates the Status Register is not write-protected (default)
"1" indicates the Status Register is write-protected
R/W
Non-Volatile
Note1: WEL bit can be written by WREN and WRDI commands, but cannot by WRSR command.
The BP0, BP1, BP2, BP3, QE, and SRWD are non-volatile memory cells that can be written by a Write Status
Register (WRSR) instruction. The default value of the BP0, BP1, BP2, BP3, QE,
and SRWD bits were set to “0”
at factory. The Status Register can be read by the Read Status Register (RDSR).
The function of Status Register bits are described as follows:
WIP bit: The Write In Progress (WIP) bit is read-only, and can be used to detect the progress or completion of a
program or erase operation. When the WIP bit is “0”, the device is ready for write Status Register, program or
erase operation. When the WIP bit is “1”, the device is busy.
WEL bit: The Write Enable Latch (WEL) bit indicates the status of the internal write enable latch. When the
WEL is “0”, the write enable latch is disabled and the write operations described in Table 6.3 are inhibited. When
the WEL bit is “1”, the write operations are allowed. The WEL bit is set by a Write Enable (WREN) instruction.
Each write register, program and erase instruction except for Set Read Register must be preceded by a WREN
instruction. The WEL bit can be reset by a Write Disable (WRDI) instruction. It will automatically reset after the
completion of any write operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com