| Zakładka z wyszukiwarką danych komponentów |
|
MXT1664T3-ATESSQTP Arkusz danych(PDF) 55 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MXT1664T3-ATESSQTP Arkusz danych(HTML) 55 Page - Microchip Technology |
|
55 / 98 page ![]() MXT1664T3 2.0 2018 Microchip Technology Inc. DS40002054A-page 55 FIGURE 10-14: SEND AUTO-RETURN – EXAMPLE SEQUENCE 10.4.3 START DEBUG MONITORING This command instructs the device to return debug-monitoring data packets using the debug port, if this feature has been enabled in the Command Processor T6 object. The command packet has the format given in Figure 10-15. FIGURE 10-15: START DEBUG MONITORING – COMMAND PACKET FORMAT In Figure 10-15: • Rpt ID can be either 0x01 or 0x02 (see Table 10-3 on page 50). The main difference is that a USB report ID of 0x01 will terminate any currently enabled auto-return mode (see Section 10.4.2 “Send Auto-return Messages”). • Command ID is the command ID to start debug monitoring (0xE1). The response packet has the format given in Figure 10-16 on page 56. Note that the USB report ID will be the same as that used in the command packet. Reserved Reserved Null Rpt ID Send Auto-return Command Response From Device Read Message Data Send Null Command To Terminate Rpt ID 0xFA 0x00 0x02 0xC0 0x1C 0x1A 0x1E 0x06 0x4F 0x10 0x00 Message Data (Padded by Zeros to 60 Bytes) Message Report ID Rpt ID 0xFA 0x00 0x11 0x03 0x1C 0x1A 0x1C ID Bytes Rpt ID 0x88 0x00 Command ID Reserved Bytes (62 Bytes) Reserved Bytes (62 Bytes) Reserved Bytes (62 Bytes) 0x00 0x00 0x00 0x00 0x00 0x00 0x00 0x00 0x00 0x00 0x00 0x00 0x00 0x00 0x00 0x00 0x00 Rpt ID 0x88 Command Received 0x00 0x00 0x00 0x00 0x00 0x00 0x00 0x00 0x00 0x00 0x00 0x00 0x00 0x00 0x00 0x00 0x00 0x00 0x00 0x00 0x00 0x00 ... ... ... ... ... 0xE1 Command ID Rpt ID Reserved Bytes (62 Bytes) 0x00 0x00 ... |