| Zakładka z wyszukiwarką danych komponentów |
|
MXT1664T3-CCTESSQTP Arkusz danych(PDF) 12 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MXT1664T3-CCTESSQTP Arkusz danych(HTML) 12 Page - Microchip Technology |
|
12 / 98 page ![]() MXT1664T3 2.0 DS40002054A-page 12 2018 Microchip Technology Inc. G14 GND P – Ground – G15 X9 S XVdd X matrix drive line Leave open G16 X10 S XVdd X matrix drive line Leave open G17 X11 S XVdd X matrix drive line Leave open G18 X12 S XVdd X matrix drive line Leave open G19 X13 S XVdd X matrix drive line Leave open H1 GPIO5 I/O VddIO General purpose I/O; see Section 2.5.8 “GPIO Pins” Connect to GND H2 DBG_CLK O VddIO Debug clock; see Section 2.5.9 “SPI Debug Interface” I2C Mode: Connect to test point Connect to GND XTAL_XIN I USB mode: External oscillator input; see Section 2.5.6 “XTAL_XOUT and XTAL_XIN” H3 VDD P – Digital power – H4 Y34 S AVdd Y line connection Leave open H5 Y31 S AVdd Y line connection Leave open H6 Y27 S AVdd Y line connection Leave open H7 Y23 S AVdd Y line connection Leave open H8 Y20 S AVdd Y line connection Leave open H9 Y17 S AVdd Y line connection Leave open H10 Y13 S AVdd Y line connection Leave open H11 Y9 S AVdd Y line connection Leave open H12 Y5 S AVdd Y line connection Leave open H13 Y2 S AVdd Y line connection Leave open H14 XVDD P – High voltage power – H15 X4 S XVdd X matrix drive line Leave open H16 X5 S XVdd X matrix drive line Leave open H17 X6 S XVdd X matrix drive line Leave open H18 X7 S XVdd X matrix drive line Leave open H19 X8 S XVdd X matrix drive line Leave open J1 DBG_DATA O VddIO Debug data; see Section 2.5.9 “SPI Debug Interface” I2C Mode: Connect to test point Connect to GND XTAL_XOUT O USB mode: External oscillator output; see Section 2.5.6 “XTAL_XOUT and XTAL_XIN” J2 DBG_SS I/O VddIO Debug SS line; requires external pull-up to VddIO Pull up to VddIO TEST – Reserved for factory use J3 VDDCORE P – Digital power – J4 Y35 S AVdd Y line connection Leave open J5 Y32 S AVdd Y line connection Leave open J6 Y28 S AVdd Y line connection Leave open J7 Y24 S AVdd Y line connection Leave open J8 AVDD P – Analog power – J9 GND P – Ground – TABLE 2: PIN LISTING – 162-BALL UFBGA (CONTINUED) Ball Name Type Supply Description If Unused... |