| Zakładka z wyszukiwarką danych komponentów |
|
IS25LP016D-RGLA3 Arkusz danych(PDF) 65 Page - Integrated Silicon Solution, Inc |
|
|
|||||||||||||||||||||||||||||
IS25LP016D-RGLA3 Arkusz danych(HTML) 65 Page - Integrated Silicon Solution, Inc |
|
65 / 114 page ![]() IS25LP016D IS25WP016D Integrated Silicon Solution, Inc.- www.issi.com 65 Rev. B10 03/09/2020 8.27 READ EXTENDED READ PARAMETERS OPERATION (RDERP, 81h) Prior to, or after setting Extended Read Register, the data of the Extended Read Register can be confirmed by the RDERP command. The instruction is only applicable for the volatile Extended Read Register, not for the non- volatile Extended Read Register. During the execution of a Program, Erase or Write Non-Volatile Register operation, the RDERP instruction will be executed, which can be used to check the progress or completion of an operation by reading the WIP bit. Figure 8.46 Read Extended Read Parameters Sequence In SPI Mode Instruction = 81h 7 CE # SCK SI 3 2 SO 1 0 Data Out 6 5 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 Mode 3 Mode 0 4 tV Figure 8.47 Read Extended Read Parameters Sequence In QPI Mode 81h 0 1 Mode 3 Mode 0 2 3 7:4 3:0 CE# SCK IO[3:0] tV Data Out |