Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ATXMEGA8E5 Arkusz danych(PDF) 35 Page - Microchip Technology

Numer części ATXMEGA8E5
Szczegółowy opis  XMEGA짰 E5 Data Sheet
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROCHIP [Microchip Technology]
Strona internetowa  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATXMEGA8E5 Arkusz danych(HTML) 35 Page - Microchip Technology

Back Button ATXMEGA8E5 Datasheet HTML 31Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 32Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 33Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 34Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 35Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 36Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 37Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 38Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 153 page
background image
 2018 Microchip Technology Inc.
Data Sheet Complete
DS40002059A-page 35
ATxmega32E5/16E5/8E5
0x002C
SPIC_INT_vect
SPI on port C interrupt vector
0x002E
USARTC0_INT_base
USART 0 on port C interrupt base
0x0034
NVM_INT_base
Non-Volatile Memory interrupt base
0x0038
XCL_INT_base
XCL (programmable logic) module interrupt base
0x003C
PORTA_INT_vect
Port A interrupt vector
0x003E
ACA_INT_base
Analog comparator on Port A interrupt base
0x0044
ADCA_INT_base
Analog to digital converter on Port A interrupt base
0x0046
PORTD_INT_vect
Port D interrupt vector
0x0048
TCD5_INT_base
Timer/counter 5 on port D interrupt base
0x0050
USARTD0_INT_base
USART 0 on port D interrupt base
Program address
(base address)
Source
Interrupt description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More