| Zakładka z wyszukiwarką danych komponentów |
|
NTP53X2 Arkusz danych(PDF) 10 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
NTP53X2 Arkusz danych(HTML) 10 Page - NXP Semiconductors |
|
10 / 133 page ![]() NXP Semiconductors NTP53x2 NTAG 5 link - NFC Forum-compliant I2C bridge NTP53x2 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2020. All rights reserved. Product data sheet Rev. 3.3 — 3 July 2020 COMPANY PUBLIC 544533 10 / 133 1 16 2 15 3 14 4 13 5 12 6 11 7 10 8 9 aaa-034214 Figure 4. Pin configuration for TSSOP16 package Table 4. Pin description for TSSOP16 Pin Symbol Description When unused 1 LA Antenna connection keep floating 2 N.C. not connected keep floating 3 GND Ground connect to GND 4 GND Ground connect to GND 5 N.C. not connected keep floating 6 N.C. not connected keep floating 7 N.C. not connected keep floating 8 SDA/GPIO1/PWM1 Multiplexed serial data I2C, GPIO1 and PWM1 keep floating 9 SCL/GPIO0/PWM0 Multiplexed serial clock I2C, GPIO0 and PWM0 keep floating 10 ED/PWM0 Multiplexed event detection and PWM0 keep floating 11 VCC External power supply keep floating 12 HPD Hard power down keep floating 13 GND Ground connect to GND 14 VOUT Energy harvesting voltage output keep floating 15 N.C. not connected keep floating 16 LB Antenna connection keep floating aaa-034220 1 2 3 4 6 5 8 7 Figure 5. Pin configuration for SO8 package |