| Zakładka z wyszukiwarką danych komponentów |
|
ADC32RF83 Arkusz danych(PDF) 40 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
ADC32RF83 Arkusz danych(HTML) 40 Page - Texas Instruments |
|
40 / 138 page ![]() Filter Transition Band Band That Folds Back On Top of Transition Band Bands That Aliases On Top of Signal Band 8 8 ADC NCO 1, 16 Bits NCO 2, 16 Bits Filter Filter 3 GSPS IQ 3 GSPS IQ 3 GSPS IQ Output Band 1 IQ Output Band 2 fS/2 fS/4 Band 1 Band 2 fS/16 Band 2 NCO 1 NCO 2 fS/16 Band 1 IQ 750 MSPS IQ 750 MSPS 40 ADC32RF80, ADC32RF83 SBAS774A – MAY 2016 – REVISED DECEMBER 2016 www.ti.com Product Folder Links: ADC32RF80 ADC32RF83 Submit Documentation Feedback Copyright © 2016, Texas Instruments Incorporated A dual-band example with a divide-by-8 complex is shown in Figure 96. Figure 96. Dual-Band Example The decimation filter responses normalized to the ADC sampling clock are illustrated in Figure 96 to Figure 119 and can be interpreted as follows: Each figure contains the filter pass-band, transition bands, and alias bands, as shown in Figure 97. The x-axis in Figure 97 shows the offset frequency (after the NCO frequency shift) normalized to the ADC sampling clock frequency. For example, in the divide-by-4 complex, the output data rate is an fS / 4 complex with a Nyquist zone of fS / 8 or 0.125 × fS. The transition band is centered around 0.125 × fS and the alias transition band is centered at 0.375 × fS. The alias bands that alias on top of the wanted signal band are centered at 0.25 × fS and 0.5 × fS (and are colored in red). The decimation filters of the ADC32RF8x provide greater than 90-dB attenuation for the alias bands. Figure 97. Interpretation of the Decimation Filter Plots |