| Zakładka z wyszukiwarką danych komponentów |
|
AM7953X-2JC Arkusz danych(PDF) 12 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM7953X-2JC Arkusz danych(HTML) 12 Page - Advanced Micro Devices |
|
12 / 20 page ![]() 12 Am7953X Data Sheet 11. Tested with 0 Ω source impedance. 2 MΩ is specified for system design purposes only. 12. Group delay can be reduced considerably by using a ZT network such as that shown in Note 10 above. The network reduces the group delay to less than 2 µs. The effect of group delay on linecard performance may be compensated for by using QSLAC™ or DSLAC™ devices. Note: * For the Am79534 and Am79535, a logic Low on E0 disables the DET output into the open-collector state. Table 1. SLIC Decoding DET Output (E0 = 1*) State C3 C2 C1 Two-Wire Status E1 = 0 E1 = 1 0 0 0 1 Open Circuit Ring trip Ring trip 1 0 0 1 Ringing Ring trip Ring trip 2 0 1 0 Active Loop detector Ground key 3 0 1 1 On-hook TX (OHT) Loop detector Ground key 4 1 0 0 Tip Open Loop detector — 5 1 0 1 Reserved Loop detector — 6 1 1 0 Active Polarity Reversal Loop detector Ground key 7 1 1 1 OHT Polarity Reversal Loop detector Ground key |