Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM393DRE4 Arkusz danych(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Numer części LM393DRE4
Szczegółowy opis  LM393B, LM2903B, LM193, LM293, LM393 and LM2903 Dual Comparators
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

LM393DRE4 Arkusz danych(HTML) 34 Page - Texas Instruments

Back Button LM393DRE4 Datasheet HTML 30Page - Texas Instruments LM393DRE4 Datasheet HTML 31Page - Texas Instruments LM393DRE4 Datasheet HTML 32Page - Texas Instruments LM393DRE4 Datasheet HTML 33Page - Texas Instruments LM393DRE4 Datasheet HTML 34Page - Texas Instruments LM393DRE4 Datasheet HTML 35Page - Texas Instruments LM393DRE4 Datasheet HTML 36Page - Texas Instruments LM393DRE4 Datasheet HTML 37Page - Texas Instruments LM393DRE4 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 49 page
background image
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
LM2903VQPWR
TSSOP
PW
8
2000
367.0
367.0
35.0
LM2903VQPWRG4
TSSOP
PW
8
2000
367.0
367.0
35.0
LM293ADGKR
VSSOP
DGK
8
2500
364.0
364.0
27.0
LM293ADR
SOIC
D
8
2500
367.0
367.0
35.0
LM293ADR
SOIC
D
8
2500
333.2
345.9
28.6
LM293ADR
SOIC
D
8
2500
364.0
364.0
27.0
LM293ADR
SOIC
D
8
2500
340.5
338.1
20.6
LM293ADRG4
SOIC
D
8
2500
340.5
338.1
20.6
LM293ADRG4
SOIC
D
8
2500
367.0
367.0
35.0
LM293DGKR
VSSOP
DGK
8
2500
364.0
364.0
27.0
LM293DR
SOIC
D
8
2500
367.0
367.0
35.0
LM293DR
SOIC
D
8
2500
364.0
364.0
27.0
LM293DRG3
SOIC
D
8
2500
364.0
364.0
27.0
LM293DRG4
SOIC
D
8
2500
340.5
338.1
20.6
LM293DRG4
SOIC
D
8
2500
367.0
367.0
35.0
LM393ADGKR
VSSOP
DGK
8
2500
364.0
364.0
27.0
LM393ADR
SOIC
D
8
2500
367.0
367.0
35.0
LM393ADR
SOIC
D
8
2500
364.0
364.0
27.0
LM393ADR
SOIC
D
8
2500
340.5
338.1
20.6
LM393ADR
SOIC
D
8
2500
333.2
345.9
28.6
LM393ADRG4
SOIC
D
8
2500
367.0
367.0
35.0
LM393ADRG4
SOIC
D
8
2500
340.5
338.1
20.6
LM393APWR
TSSOP
PW
8
2000
367.0
367.0
35.0
LM393APWR
TSSOP
PW
8
2000
364.0
364.0
27.0
LM393APWRG4
TSSOP
PW
8
2000
367.0
367.0
35.0
LM393BIDR
SOIC
D
8
2500
340.5
338.1
20.6
LM393BIPWR
TSSOP
PW
8
2000
367.0
367.0
35.0
LM393DGKR
VSSOP
DGK
8
2500
364.0
364.0
27.0
LM393DR
SOIC
D
8
2500
340.5
338.1
20.6
LM393DR
SOIC
D
8
2500
367.0
367.0
35.0
LM393DRG3
SOIC
D
8
2500
333.2
345.9
28.6
LM393DRG3
SOIC
D
8
2500
364.0
364.0
27.0
LM393DRG4
SOIC
D
8
2500
367.0
367.0
35.0
LM393DRG4
SOIC
D
8
2500
340.5
338.1
20.6
LM393PWR
TSSOP
PW
8
2000
364.0
364.0
27.0
LM393PWR
TSSOP
PW
8
2000
367.0
367.0
35.0
LM393PWRG3
TSSOP
PW
8
2000
364.0
364.0
27.0
LM393PWRG4
TSSOP
PW
8
2000
367.0
367.0
35.0
PACKAGE MATERIALS INFORMATION
www.ti.com
17-Jul-2020
Pack Materials-Page 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49