Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ASM706ESAF Arkusz danych(PDF) 12 Page - Alliance Semiconductor Corporation

Numer części ASM706ESAF
Szczegółowy opis  Low Power uP Supervisor Circuits
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ALSC [Alliance Semiconductor Corporation]
Strona internetowa  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM706ESAF Arkusz danych(HTML) 12 Page - Alliance Semiconductor Corporation

Back Button ASM706ESAF Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM706ESAF Datasheet HTML 9Page - Alliance Semiconductor Corporation ASM706ESAF Datasheet HTML 10Page - Alliance Semiconductor Corporation ASM706ESAF Datasheet HTML 11Page - Alliance Semiconductor Corporation ASM706ESAF Datasheet HTML 12Page - Alliance Semiconductor Corporation ASM706ESAF Datasheet HTML 13Page - Alliance Semiconductor Corporation ASM706ESAF Datasheet HTML 14Page - Alliance Semiconductor Corporation ASM706ESAF Datasheet HTML 15Page - Alliance Semiconductor Corporation ASM706ESAF Datasheet HTML 16Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
ASM705 / 706 / 707 / 708
12 of 16
Notice: The information in this document is subject to change without notice
Low Power µP Supervisor Circuits
ASM813L
rev 1.5
February 2005
Package Dimensions (contd)
SO (8-Pin)
Symbol
Dimensions
Inches
Millimeters
Min
Max
Min
Max
A1
0.004
0.010
0.10
0.25
A
0.053
0.069
1.35
1.75
A2
0.049
0.059
1.25
1.50
B
0.012
0.020
0.31
0.51
C
0.007
0.010
0.18
0.25
D
0.193 BSC
4.90 BSC
E
0.154 BSC
3.91 BSC
e
0.050 BSC
1.27 BSC
H
0.236 BSC
6.00 BSC
L
0.016
0.050
0.41
1.27
θ
0°
8°
0°
8°
E
H
D
A1
A2
A
θ
L
C
B
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com