Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32G071EB Arkusz danych(PDF) 62 Page - STMicroelectronics

Numer części STM32G071EB
Szczegółowy opis  Arm Cortex-M0 32-bit MCU, up to 128 KB Flash, 36 KB RAM
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G071EB Arkusz danych(HTML) 62 Page - STMicroelectronics

Back Button STM32G071EB Datasheet HTML 58Page - STMicroelectronics STM32G071EB Datasheet HTML 59Page - STMicroelectronics STM32G071EB Datasheet HTML 60Page - STMicroelectronics STM32G071EB Datasheet HTML 61Page - STMicroelectronics STM32G071EB Datasheet HTML 62Page - STMicroelectronics STM32G071EB Datasheet HTML 63Page - STMicroelectronics STM32G071EB Datasheet HTML 64Page - STMicroelectronics STM32G071EB Datasheet HTML 65Page - STMicroelectronics STM32G071EB Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 133 page
background image
Electrical characteristics
STM32G071x8/xB
62/133
DS12232 Rev 3
Table 29. Current consumption in Stop 1 mode
Symbol
Parameter
Conditions
Typ
Max(1)
Unit
Flash
memory
RTC(2)
VDD
25°C
85°C 125°C 25°C
85°C
130°C
IDD(Stop 1)
Supply
current in
Stop 1
mode
Not
powered
Disabled
1.8 V
3.2
32
150
8
100
480
µA
2.4 V
3.3
32
150
10
120
535
3 V
3.4
33
155
15
135
620
3.6 V
3.8
33
155
18
140
705
Enabled
1.8 V
3.4
32
150
9
100
480
2.4 V
3.7
32
155
11
120
540
3 V
4.0
33
155
16
140
630
3.6 V
4.4
34
160
20
145
720
Powered
Disabled
1.8 V
6.9
36
155
12
100
575
2.4 V
7.3
36
160
14
110
600
3 V
7.3
37
160
18
120
645
3.6 V
7.8
38
160
23
135
665
1. Based on characterization results, not tested in production.
2. Clocked by LSI
Table 30. Current consumption in Standby mode
Symbol
Parameter
Conditions
Typ
Max(1)
Unit
General
VDD
25°C 85°C 125°C 25°C 85°C
130°C
IDD(Standby)
Supply current
in Standby
mode(2)
RTC disabled
1.8 V
0.07
1.7
6.7
0.7
9
34
µA
2.4 V
0.13
2.1
8.1
0.8
12
38
3.0 V
0.20
2.5
10.0
0.9
14
46
3.6 V
0.34
3.0
12.0
1.0
16
55
RTC enabled,
clocked by LSI;
1.8 V
0.35
2.0
7.0
0.8
10
35
2.4 V
0.49
2.4
8.4
1.0
12
40
3.0 V
0.66
2.9
10.5
1.3
15
47
3.6 V
0.90
3.5
12.5
2.2
18
56
IWDG enabled,
clocked by LSI
1.8 V
0.26
1.9
6.8
0.8
10
34
2.4 V
0.37
2.3
8.3
1.0
12
39
3.0 V
0.49
2.7
10.3
1.4
15
45
3.6 V
0.69
3.3
12.3
2.1
18
52
ULPEN = 0
1.8 V
0.70
1.6
6.6
-
-
-
2.4 V
0.89
2.0
8.0
-
-
-
3.0 V
1.10
2.4
9.8
-
-
-
3.6 V
1.30
2.9
11.8
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com