Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ASM3P2579AF-06OR Arkusz danych(PDF) 9 Page - Alliance Semiconductor Corporation

Numer części ASM3P2579AF-06OR
Szczegółowy opis  Low Power Peak EMI Reducing Solution
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ALSC [Alliance Semiconductor Corporation]
Strona internetowa  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM3P2579AF-06OR Arkusz danych(HTML) 9 Page - Alliance Semiconductor Corporation

Back Button ASM3P2579AF-06OR Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM3P2579AF-06OR Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM3P2579AF-06OR Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM3P2579AF-06OR Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM3P2579AF-06OR Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM3P2579AF-06OR Datasheet HTML 9Page - Alliance Semiconductor Corporation ASM3P2579AF-06OR Datasheet HTML 10Page - Alliance Semiconductor Corporation ASM3P2579AF-06OR Datasheet HTML 11Page - Alliance Semiconductor Corporation ASM3P2579AF-06OR Datasheet HTML 12Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
August 2005
ASM3P2579A
rev 1.0
Low Power Peak EMI Reducing Solution
9 of 12
Notice: The information in this document is subject to change without notice.
E
H
A
A1
A2
D
B
C
L
θ
e
8-Pin TSSOP Package
Dimensions
Inches
Millimeters
Symbol
Min
Max
Min
Max
A
0.043
1.10
A1
0.002
0.006
0.05
0.15
A2
0.033
0.037
0.85
0.95
B
0.008
0.012
0.19
0.30
c
0.004
0.008
0.09
0.20
D
0.114
0.122
2.90
3.10
E
0.169
0.177
4.30
4.50
e
0.026 BSC
0.65 BSC
H
0.252 BSC
6.40 BSC
L
0.020
0.028
0.50
0.70
θ
0°
8°
0°
8°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12