| Zakładka z wyszukiwarką danych komponentów |
|
ASM707ESAF-T Arkusz danych(PDF) 9 Page - Alliance Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
ASM707ESAF-T Arkusz danych(HTML) 9 Page - Alliance Semiconductor Corporation |
|
9 / 16 page ![]() ASM705 / 706 / 707 / 708 9 of 16 Notice: The information in this document is subject to change without notice Low Power µP Supervisor Circuits ASM813L rev 1.5 February 2005 Notes 1: RESET (ASM705/6/7/8), RESET(ASM707/8, ASM813L) Watchdog Timeout Period tWD ASM705/6/813L 1.00 1.60 2.25 s WDI Pulse Width tWP VIL = 0.4V, VIH=0.8VCC, 50 ns WDI Input Threshold VIH ASM705/706/813L, VCC = 5V 3.5 V VIL 0.8 WDI Input Current ASM705/6/813L, WDI = VCC 50 150 µA ASM705/6/813L, WDI = 0V -150 -50 WDO Output Voltage VOH ASM705/6/813L, ISOURCE = 800µA VCC - 1.5 V VOL ASM705/6/813L, ISINK = 1.2mA 0.4 PFI Input Threshold VCC = 5V 1.2 1.25 1.3 V PFI Input Current -25 0.01 25 nA PFO Output Voltage VOH ISOURCE = 800µA VCC - 1.5 V VOL ISINK = 3.2mA 0.4 Parameter Symbol Conditions Min Typ Max Unit |