| Zakładka z wyszukiwarką danych komponentów |
|
ASM3I623S00AG-08-TT Arkusz danych(PDF) 14 Page - Alliance Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
ASM3I623S00AG-08-TT Arkusz danych(HTML) 14 Page - Alliance Semiconductor Corporation |
|
14 / 16 page ![]() July 2005 ASM3P623S00A/B/C/D/E/F rev 1.0 Zero Cycle Slip Peak EMI Reduction IC 14 of 16 Notice: The information in this document is subject to change without notice. Ordering Codes (cont’d) Ordering Code Marking Package Type Operating Range ASM3P623S00DG-16-ST 3P623S00DG 16-pin 150-mil SOIC-TUBE, Green Commercial ASM3P623S00EG-16-ST 3P623S00EG 16-pin 150-mil SOIC- TUBE, Green Commercial ASM3P623S00FG-16-ST 3P623S00FG 16-pin 150-mil SOIC- TUBE, Green Commercial ASM3I623S00DG-16-ST 3I623S00DG 16-pin 150-mil SOIC-TUBE, Green Industrial ASM3I623S00EG-16-ST 3I623S00EG 16-pin 150-mil SOIC- TUBE, Green Industrial ASM3I623S00FG-16-ST 3I623S00FG 16-pin 150-mil SOIC- TUBE, Green Industrial ASM3P623S00DG-16-SR 3P623S00DG 16-pin 150-mil SOIC-TAPE & REEL, Green Commercial ASM3P623S00EG-16-SR 3P623S00EG 16-pin 150-mil SOIC-TAPE & REEL, Green Commercial ASM3P623S00FG-16-SR 3P623S00FG 16-pin 150-mil SOIC-TAPE & REEL, Green Commercial ASM3I623S00DG-16-SR 3I623S00DG 16-pin 150-mil SOIC-TAPE & REEL, Green Industrial ASM3I623S00EG-16-SR 3I623S00EG 16-pin 150-mil SOIC-TAPE & REEL, Green Industrial ASM3I623S00FG-16-SR 3I623S00FG 16-pin 150-mil SOIC-TAPE & REEL, Green Industrial ASM3P623S00DG-16-TT 3P623S00DG 16-pin 4.4-mm TSSOP - TUBE, Green Commercial ASM3P623S00EG-16-TT 3P623S00EG 16-pin 4.4-mm TSSOP - TUBE, Green Commercial ASM3P623S00FG-16-TT 3P623S00FG 16-pin 4.4-mm TSSOP - TUBE, Green Commercial ASM3I623S00DG-16-TT 3I623S00DG 16-pin 4.4-mm TSSOP - TUBE, Green Industrial ASM3I623S00EG-16-TT 3I623S00EG 16-pin 4.4-mm TSSOP - TUBE, Green Industrial ASM3I623S00FG-16-TT 3I623S00FG 16-pin 4.4-mm TSSOP - TUBE, Green Industrial ASM3P623S00DG-16-TR 3P623S00DG 16-pin 4.4-mm TSSOP - TAPE & REEL, Green Commercial ASM3P623S00EG-16-TR 3P623S00EG 16- pin 4.4-mm TSSOP - TAPE & REEL, Green Commercial ASM3P623S00FG-16-TR 3P623S00FG 16- pin 4.4-mm TSSOP - TAPE & REEL, Green Commercial ASM3I623S00DG-16-TR 3I623S00DG 16-pin 4.4-mm TSSOP - TAPE & REEL, Green Industrial ASM3I623S00EG-16-TR 3I623S00EG 16- pin 4.4-mm TSSOP - TAPE & REEL, Green Industrial ASM3I623S00FG-16-TR 3I623S00FG 16- pin 4.4-mm TSSOP - TAPE & REEL, Green Industrial ASM3P623S00AG-08-ST 3P623S00AG 8-pin 150-mil SOIC-TUBE, Green Commercial ASM3P623S00BG-08-ST 3P623S00BG 8-pin 150-mil SOIC- TUBE, Green Commercial ASM3P623S00CG-08-ST 3P623S00CG 8-pin 150-mil SOIC- TUBE, Green Commercial ASM3I623S00AG-08-ST 3I623S00AG 8-pin 150-mil SOIC-TUBE, Green Industrial ASM3I623S00BG-08-ST 3I623S00BG 8-pin 150-mil SOIC- TUBE, Green Industrial ASM3I623S00CG-08-ST 3I623S00CG 8-pin 150-mil SOIC- TUBE, Green Industrial ASM3P623S00AG-08-SR 3P623S00AG 8-pin 150-mil SOIC-TAPE & REEL, Green Commercial ASM3P623S00BG-08-SR 3P623S00BG 8-pin 150-mil SOIC-TAPE & REEL, Green Commercial ASM3P623S00CG-08-SR 3P623S00CG 8-pin 150-mil SOIC-TAPE & REEL, Green Commercial ASM3I623S00AG-08-SR 3I623S00AG 8-pin 150-mil SOIC-TAPE & REEL, Green Industrial |