Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

GHB-0805DU-R2 Arkusz danych(PDF) 2 Page - Gilway Technical Lamp

Numer części GHB-0805DU-R2
Szczegółowy opis  These chip-type LEDs utilize Aluminum Indium Gallium Phosphide (AlInGaP) material technology.
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  GILWAY [Gilway Technical Lamp]
Strona internetowa  http://www.gilway.com
Logo GILWAY - Gilway Technical Lamp

GHB-0805DU-R2 Arkusz danych(HTML) 2 Page - Gilway Technical Lamp

  GHB-0805DU-R2 Datasheet HTML 1Page - Gilway Technical Lamp GHB-0805DU-R2 Datasheet HTML 2Page - Gilway Technical Lamp GHB-0805DU-R2 Datasheet HTML 3Page - Gilway Technical Lamp GHB-0805DU-R2 Datasheet HTML 4Page - Gilway Technical Lamp  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Notes:
1. Dimensions in mm.
2. Tolerance ± 0.1 mm unless otherwise noted.
Device Selection Guide
Footprint
AS AlInGaP
AS AlInGaP
AS AlInGaP
TS AlInGaP
Package
(mm)[1,2]
Amber
Orange
Red
Red
Description
2.0 x 1.25 x 0.8 GHB-0805DU-Y
GHB-0805DU-O GHB-0805DU-R
GHB0805DU-R2
Untinted, Diffused
A
Tbsolute Maximum Ratings
= 25°C
A
Parameter
Units
[1,2]
DC Forward Current
30
30
mA
Power Dissipation
75
81
mW
Reverse Voltage (I R = 100mA)
5
5
V
LED Junction Temperature
95
95
°
C
Operating Temperature Range
Ð30 to +85
Ð30 to +85
°
C
Storage Temperature Range
Ð40 to +85
Ð40 to +85
°
C
Soldering Temperature
See IR soldering profile (Figure 7)
Notes:
1. Derate linearly as shown in Figure 4.
2. Drive currents above 5 mA are recommended for best long term performance.
GHB-0805DU-Y
GHB-0805DU-O
GHB-0805DU-R
GHB-0805DU-R2
Electrical Characteristics
TA = 25°C
Forward Voltage
Reverse Breakdown
Capacitance C
Thermal
VF (Volts)
VR (Volts)
(pF), VF = 0,
Resistance
@ I = 20 mA
@ I= 100mA
f = 1 MHz
Rq
= °(C/W)
F
R
J-PIN
Parameter Number
Typ.
Max.
Min.
Typ.
Typ.
GHB-0805DU-Y
1.9
2.4
5
45
300
GHB-0805DU-O
1.9
2.4
5
45
300
GHB-0805DU-R
1.9
2.4
5
45
300
GHB-0805DU-R2
2.2
2.6
5
35
300



Html Pages

1 2 3 4