| Zakładka z wyszukiwarką danych komponentów |
|
ASM5P2308A Arkusz danych(PDF) 16 Page - Alliance Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
ASM5P2308A Arkusz danych(HTML) 16 Page - Alliance Semiconductor Corporation |
|
16 / 18 page ![]() September 2005 ASM5P2308A rev 1.4 3.3V Zero Delay Buffer 16 of 18 Notice: The information in this document is subject to change without notice. Ordering Codes (Contd…) Ordering Code Marking Package Type Operating Range ASM5P2308AG-1H-16-TT 5P2308AG-1H 16-pin 4.4-mm TSSOP - TUBE, Green Commercial ASM5I2308AG-1H-16-TT 5I2308AG-1H 16-pin 4.4-mm TSSOP - TUBE, Green Industrial ASM5P2308AG-1H-16-TR 5P2308AG-1H 16-pin 4.4-mm TSSOP - TAPE & REEL, Green Commercial ASM5I2308AG-1H-16-TR 5I2308AG-1H 16-pin 4.4-mm TSSOP - TAPE & REEL, Green Industrial ASM5P2308AG-2-16-ST 5P2308AG-2 16-pin 150-mil SOIC-TUBE, Green Commercial ASM5I2308AG-2-16-ST 5I2308AG-2 16-pin 150-mil SOIC- TUBE, Green Industrial ASM5P2308AG-2-16-SR 5P2308AG-2 16-pin 150-mil SOIC-TAPE & REEL, Green Commercial ASM5I2308AG-2-16-SR 5I2308AG-2 16-pin 150-mil SOIC-TAPE & REEL, Green Industrial ASM5P2308AG-2-16-TT 5P2308AG-2 16-pin 4.4-mm TSSOP - TUBE, Green Commercial ASM5I2308AG-2-16-TT 5I2308AG-2 16-pin 4.4-mm TSSOP - TUBE, Green Industrial ASM5P2308AG-2-16-TR 5P2308AG-2 16-pin 4.4-mm TSSOP - TAPE & REEL, Green Commercial ASM5I2308AG-2-16-TR 5I2308AG-2 16-pin 4.4-mm TSSOP - TAPE & REEL, Green Industrial ASM5P2308AG-3-16-ST 5P2308AG-3 16-pin 150-mil SOIC-TUBE, Green Commercial ASM5I2308AG-3-16-ST 5I2308AG-3 16-pin 150-mil SOIC- TUBE, Green Industrial ASM5P2308AG-3-16-SR 5P2308AG-3 16-pin 150-mil SOIC-TAPE & REEL, Green Commercial ASM5I2308AG-3-16-SR 5I2308AG-3 16-pin 150-mil SOIC-TAPE & REEL, Green Industrial ASM5P2308AG-3-16-TT 5P2308AG-3 16-pin 4.4-mm TSSOP - TUBE, Green Commercial ASM5I2308AG-3-16-TT 5I2308AG-3 16-pin 4.4-mm TSSOP - TUBE, Green Industrial ASM5P2308AG-3-16-TR 5P2308AG-3 16-pin 4.4-mm TSSOP - TAPE & REEL, Green Commercial ASM5I2308AG-3-16-TR 5I2308AG-3 16-pin 4.4-mm TSSOP - TAPE & REEL, Green Industrial ASM5P2308AG-4-16-ST 5P2308AG-4 16-pin 150-mil SOIC-TUBE, Green Commercial ASM5I2308AG-4-16-ST 5I2308AG-4 16-pin 150-mil SOIC- TUBE, Green Industrial ASM5P2308AG-4-16-SR 5P2308AG-4 16-pin 150-mil SOIC-TAPE & REEL, Green Commercial ASM5I2308AG-4-16-SR 5I2308AG-4 16-pin 150-mil SOIC-TAPE & REEL, Green Industrial ASM5P2308AG-4-16-TT 5P2308AG-4 16-pin 4.4-mm TSSOP - TUBE, Green Commercial ASM5I2308AG-4-16-TT 5I2308AG-4 16-pin 4.4-mm TSSOP - TUBE, Green Industrial ASM5P2308AG-4-16-TR 5P2308AG-4 16-pin 4.4-mm TSSOP - TAPE & REEL, Green Commercial ASM5I2308AG-4-16-TR 5I2308AG-4 16-pin 4.4-mm TSSOP - TAPE & REEL, Green Industrial ASM5P2308AG-5H-16-ST 5P2308AG-5H 16-pin 150-mil SOIC-TUBE, Green Commercial ASM5I2308AG-5H-16-ST 5I2308AG-5H 16-pin 150-mil SOIC- TUBE, Green Industrial ASM5P2308AG-5H-16-SR 5P2308AG-5H 16-pin 150-mil SOIC-TAPE & REEL, Green Commercial ASM5I2308AG-5H-16-SR 5I2308AG-5H 16-pin 150-mil SOIC-TAPE & REEL, Green Industrial ASM5P2308AG-5H-16-TT 5P2308AG-5H 16-pin 4.4-mm TSSOP - TUBE, Green Commercial ASM5I2308AG-5H-16-TT 5I2308AG-5H 16-pin 4.4-mm TSSOP - TUBE, Green Industrial ASM5P2308AG-5H-16-TR 5P2308AG-5H 16-pin 4.4-mm TSSOP - TAPE & REEL, Green Commercial ASM5I2308AG-5H-16-TR 5I2308AG-5H 16-pin 4.4-mm TSSOP - TAPE & REEL, Green Industrial |