| Zakładka z wyszukiwarką danych komponentów |
|
M74HC148 Arkusz danych(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M74HC148 Arkusz danych(HTML) 1 Page - STMicroelectronics |
|
1 / 11 page ![]() 1/11 July 2001 s HIGH SPEED: tPD = 16ns (TYP.) at VCC = 6V s LOW POWER DISSIPATION: ICC = 4µA(MAX.) at TA=25°C s HIGH NOISE IMMUNITY: VNIH = VNIL = 28 % VCC (MIN.) s SYMMETRICAL OUTPUT IMPEDANCE: |IOH| = IOL = 4mA (MIN) s BALANCED PROPAGATION DELAYS: tPLH ≅ tPHL s WIDE OPERATING VOLTAGE RANGE: VCC (OPR) = 2V to 6V s PIN AND FUNCTION COMPATIBLE WITH 74 SERIES 148 DESCRIPTION The M74HC148 is an high speed CMOS 8 TO 3 LINE PRIORITY ENCODER fabricated with silicon gate C2MOS technology. The M74HC148 encodes eight data lines to three-line (4-2-1) binary (octal). Cascading circuitry (enable input EI and enable output EO) has been provided to allow octal expansion without the need for external circuitry. Data inputs are active at the low logic level. All inputs are equipped with protection circuits against static discharge and transient excess voltage. M74HC148 8 TO 3 LINE PRIORITY ENCODER PIN CONNECTION AND IEC LOGIC SYMBOLS ORDER CODES PACKAGE TUBE T & R DIP M74HC148B1R SOP M74HC148M1R M74HC148RM13TR TSSOP M74HC148TTR TSSOP DIP SOP |
Podobny numer części - M74HC148 |
|
Podobny opis - M74HC148 |