| Zakładka z wyszukiwarką danych komponentów |
|
MCP47CMB01 Arkusz danych(PDF) 21 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP47CMB01 Arkusz danych(HTML) 21 Page - Microchip Technology |
|
21 / 124 page ![]() 2018-2019 Microchip Technology Inc. DS20006089B-page 21 MCP47CXBXX TABLE 1-5: I2C BUS REQUIREMENTS (SLAVE MODE) (CONTINUED) I2C AC Characteristics Standard Operating Conditions (unless otherwise specified): Operating Temperature: -40 C TA +125C (Extended). The operating voltage range is described in DC Characteristics. Param. No. Sym. Characteristic Min. Max. Units Conditions 103B(10) TFSDA SDA Fall Time 100 kHz mode — 300 ns Cb is specified to be from 10 to 400 pF (100 pF maximum for 3.4 MHz mode)(4) 400 kHz mode 20 + 0.1Cb 300 ns 1.7 MHz mode 20 160 ns 3.4 MHz mode 10 80 ns 106 THD:DAT Data Input Hold Time 100 kHz mode 0 — ns 1.8V-5.5V(1,5) 400 kHz mode 0 — ns 2.7V-5.5V(5) 1.7 MHz mode 0 — ns 4.5V-5.5V(1,5) 3.4 MHz mode 0 — ns 4.5V-5.5V(1,5) 107 TSU:DAT Data Input Setup Time 100 kHz mode 250 — ns Notes 1, 6 400 kHz mode 100 — ns Note 6 1.7 MHz mode 10 — ns Notes 1, 6 3.4 MHz mode 10 — ns Notes 1, 6 109 TAA Output Valid from Clock 100 kHz mode — 3450 ns Notes 1, 5, 7, 9 400 kHz mode — 900 ns Notes 5, 7, 9 1.7 MHz mode — 310 ns Cb = 400 pF(1,9) 3.4 MHz mode — 150 ns Cb = 100 pF(1,9) 110 TBUF Bus Free Time 100 kHz mode 4700 — ns Time the bus must be free before a new transmission can start(1) 400 kHz mode 1300 — ns 1.7 MHz mode N.A. — ns 3.4 MHz mode N.A. — ns 111 TSP Input Filter Spike Suppression (SDA and SCL) 100 kHz mode — 50 ns NXP Spec states N.A.(1) 400 kHz mode — 50 ns NXP Spec states N.A. 1.7 MHz mode — 10 ns NXP Spec states N.A.(1) 3.4 MHz mode — 10 ns NXP Spec states N.A.(1) Note 1 Not tested. This parameter is ensured by characterization. Note 4 Use Cb in pF for the calculations. Note 5 A Master transmitter must provide a delay to ensure that the difference between SDA and SCL fall times does not unintentionally create a Start or Stop condition. Note 6 A Fast mode (400 kHz) I2C bus device can be used in a Standard mode (100 kHz) I2C bus system, but the requirement, tSU:DAT 250 ns, must then be met. This will automatically be the case if the device does not stretch the Low period of the SCL signal. If such a device does stretch the Low period of the SCL signal, it must output the next data bit to the SDA line, TR max.+ tSU:DAT = 1000 + 250 = 1250 ns (according to the Standard mode I2C bus specification) before the SCL line is released. Note 7 As a transmitter, the device must provide this internal minimum delay time to bridge the undefined region (minimum 300 ns) of the falling edge of SCL to avoid unintended generation of Start or Stop conditions. Note 8 Ensured by the TAA 3.4 MHz specification test. Note 9 The specification is not part of the I2C specification. TAA = THD:DAT + TFSDA (or TRSDA). Note 10 Not tested. This parameter is ensured by design. |