Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MCP47CMB02 Arkusz danych(PDF) 81 Page - Microchip Technology

Numer części MCP47CMB02
Szczegółowy opis  8/10/12-Bit Digital-to-Analog Converters, 1 LSb INL Single/Dual Voltage Outputs with I2C Interface
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROCHIP [Microchip Technology]
Strona internetowa  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47CMB02 Arkusz danych(HTML) 81 Page - Microchip Technology

Back Button MCP47CMB02 Datasheet HTML 77Page - Microchip Technology MCP47CMB02 Datasheet HTML 78Page - Microchip Technology MCP47CMB02 Datasheet HTML 79Page - Microchip Technology MCP47CMB02 Datasheet HTML 80Page - Microchip Technology MCP47CMB02 Datasheet HTML 81Page - Microchip Technology MCP47CMB02 Datasheet HTML 82Page - Microchip Technology MCP47CMB02 Datasheet HTML 83Page - Microchip Technology MCP47CMB02 Datasheet HTML 84Page - Microchip Technology MCP47CMB02 Datasheet HTML 85Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 124 page
background image
 2018-2019 Microchip Technology Inc.
DS20006089B-page 81
MCP47CXBXX
FIGURE 7-6:
I2C ACK/NACK Behavior (Read Command Example).
Read 1 Word Command
S
Slave Address
Command
Master S
01
1
Slave Address
Data Byte
Data Byte
P
Master (Continued)
11
1
1P
Example 1 (No Command Error)
Master S 1100000 0 1 0 0 0 0 1 1 1 x 1
MCP47CXBXX
00
I2C Bus S 110000 0 0 0 0 0 0 0 0 1 1 x 0
Master (Continued)
S 00 00 1 0 0 1 1
1
1 P
MCP47CXBXX (Continued)
0 d d d d d d d d 0 dddddddd 0
I2C Bus (Continued)
S 0 0 0 0 0 0 0 1 0 d d d d d d d d 0 dddddddd 0 P
Example 2 (Command Error)
Master S 1100000 0 1 0 1 1 1 1 0 0 x 1
MCP47CXBXX
01
I2C Bus S 1100000 0 0 0 1 1 1 1 0 0 x 1
Master (Continued)
S 11 00 0 0 0 1 1
1
1 P
MCP47CXBXX (Continued)
0 ? ? ? ? ? ? ? ? 0 ???????? 1
I2C Bus (Continued)
S 1 1 0 0 0 0 0 1 0 ? ? ? ? ? ? ? ? 0 ???????? 1 P
Note 1:
Once a command error has occurred (Example 2), the MCP47CXBXX will NACK until a Start condition
occurs.
2:
For command error case (Example 2), the data read is from the register of the last valid address loaded
into the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More