| Zakładka z wyszukiwarką danych komponentów |
|
MCS11 Arkusz danych(PDF) 38 Page - PADAUK Technology. |
|
|
|||||||||||||||||||||||||||||
MCS11 Arkusz danych(HTML) 38 Page - PADAUK Technology. |
|
38 / 108 page ![]() MCS11 ADC-Type Enhanced FPPA TM Controller ©Copyright 2018, PADAUK Technology Co. Ltd Page 38 of 108 PDK-DS-MCS11_v020 – Apr. 20, 2018 $ T16M PA0, /1, BIT8; // choose PA0 as clock source, every 2^9 to generate INTRQ.2=1 // receiving every 512 times PA0 to generate INTRQ.2=1 $ T16M STOP; // stop Timer16 counting If Timer16 is operated at free running, the frequency of interrupt can be described as below: FINTRQ_T16M = Fclock source ÷ P ÷ 2 n+1 Where, F is the frequency of selected clock source to Timer16; P is the selection of t16m [4:3]; (1, 4, 16, 64) N is the n th bit selected to request interrupt service, for example: n=10 if bit 10 is selected. |