| Zakładka z wyszukiwarką danych komponentów |
|
PFS172 Arkusz danych(PDF) 82 Page - PADAUK Technology. |
|
|
|||||||||||||||||||||||||||||
PFS172 Arkusz danych(HTML) 82 Page - PADAUK Technology. |
|
82 / 92 page ![]() PFS172 8bit MTP MCU with 8-bit ADC ©Copyright 2020, PADAUK Technology Co. Ltd Page 82 of 92 PDK-DS-PFS172-EN_V000-May 8, 2020 7.6. Conditional Operation Instructions ceqsn a, I Compare ACC with immediate data and skip next instruction if both are equal. Flag will be changed like as (a ← a – I) Example: ceqsn a, 0x55 ; inc MEM ; goto error ; Result: If a=0x55, then “goto error”; otherwise, “inc MEM”. Affected flags: 『Y』Z 『Y』C 『Y』AC 『Y』OV ceqsn a, M Compare ACC with memory and skip next instruction if both are equal. Flag will be changed like as (a ← a - M) Example: ceqsn a, MEM; Result: If a=MEM, skip next instruction Affected flags: 『Y』Z 『Y』C 『Y』AC 『Y』OV cneqsn a, M Compare ACC with memory and skip next instruction if both are not equal. Flag will be changed like as (a ← a - M) Example: cneqsn a, MEM; Result: If a ≠MEM, skip next instruction Affected flags: 『Y』Z 『Y』C 『Y』AC 『Y』OV cneqsn a, I Compare ACC with immediate data and skip next instruction if both are no equal. Flag will be changed like as (a ← a - I) Example: cneqsn a,0x55 ; inc MEM ; goto error ; Result: If a≠0x55, then “goto error”; Otherwise, “inc MEM”. Affected flags: 『Y』Z 『Y』C 『Y』AC 『Y』OV t0sn IO.n Check IO bit and skip next instruction if it’s low Example: t0sn pa.5; Result: If bit 5 of port A is low, skip next instruction Affected flags: 『N』Z 『N』C 『N』AC 『N』OV t1sn IO.n Check IO bit and skip next instruction if it’s high Example: t1sn pa.5 ; Result: If bit 5 of port A is high, skip next instruction Affected flags: 『N』Z 『N』C 『N』AC 『N』OV t0sn M.n Check memory bit and skip next instruction if it’s low Example: t0sn MEM.5 ; Result: If bit 5 of MEM is low, then skip next instruction Affected flags: 『N』Z 『N』C 『N』AC 『N』OV t1sn M.n Check memory bit and skip next instruction if it’s high EX: t1sn MEM.5 ; Result: If bit 5 of MEM is high, then skip next instruction Affected flags: 『N』Z 『N』C 『N』AC 『N』OV izsn a Increment ACC and skip next instruction if ACC is zero Example: izsn a; Result: a ← a + 1,skip next instruction if a = 0 Affected flags: 『Y』Z 『Y』C 『Y』AC 『Y』OV |