| Zakładka z wyszukiwarką danych komponentów |
|
TL072ACPE4 Arkusz danych(PDF) 40 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TL072ACPE4 Arkusz danych(HTML) 40 Page - Texas Instruments |
|
40 / 69 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 26-Aug-2020 Addendum-Page 5 Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead finish/ Ball material (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples TL074ACDE4 ACTIVE SOIC D 14 50 Green (RoHS & no Sb/Br) NIPDAU Level-1-260C-UNLIM 0 to 70 TL074AC TL074ACDR ACTIVE SOIC D 14 2500 Green (RoHS & no Sb/Br) NIPDAU Level-1-260C-UNLIM 0 to 70 TL074AC TL074ACDRE4 ACTIVE SOIC D 14 2500 Green (RoHS & no Sb/Br) NIPDAU Level-1-260C-UNLIM 0 to 70 TL074AC TL074ACDRG4 ACTIVE SOIC D 14 2500 Green (RoHS & no Sb/Br) NIPDAU Level-1-260C-UNLIM 0 to 70 TL074AC TL074ACN ACTIVE PDIP N 14 25 Green (RoHS & no Sb/Br) NIPDAU N / A for Pkg Type 0 to 70 TL074ACN TL074ACNE4 ACTIVE PDIP N 14 25 Green (RoHS & no Sb/Br) NIPDAU N / A for Pkg Type 0 to 70 TL074ACN TL074ACNSR ACTIVE SO NS 14 2000 Green (RoHS & no Sb/Br) NIPDAU Level-1-260C-UNLIM 0 to 70 TL074A TL074BCD ACTIVE SOIC D 14 50 Green (RoHS & no Sb/Br) NIPDAU Level-1-260C-UNLIM 0 to 70 TL074BC TL074BCDE4 ACTIVE SOIC D 14 50 Green (RoHS & no Sb/Br) NIPDAU Level-1-260C-UNLIM 0 to 70 TL074BC TL074BCDR ACTIVE SOIC D 14 2500 Green (RoHS & no Sb/Br) NIPDAU Level-1-260C-UNLIM 0 to 70 TL074BC TL074BCDRE4 ACTIVE SOIC D 14 2500 Green (RoHS & no Sb/Br) NIPDAU Level-1-260C-UNLIM 0 to 70 TL074BC TL074BCDRG4 ACTIVE SOIC D 14 2500 Green (RoHS & no Sb/Br) NIPDAU Level-1-260C-UNLIM 0 to 70 TL074BC TL074BCN ACTIVE PDIP N 14 25 Green (RoHS & no Sb/Br) NIPDAU N / A for Pkg Type 0 to 70 TL074BCN TL074BCNE4 ACTIVE PDIP N 14 25 Green (RoHS & no Sb/Br) NIPDAU N / A for Pkg Type 0 to 70 TL074BCN TL074CD ACTIVE SOIC D 14 50 Green (RoHS & no Sb/Br) NIPDAU Level-1-260C-UNLIM 0 to 70 TL074C TL074CDBR ACTIVE SSOP DB 14 2000 Green (RoHS & no Sb/Br) NIPDAU Level-1-260C-UNLIM 0 to 70 T074 TL074CDG4 ACTIVE SOIC D 14 50 Green (RoHS & no Sb/Br) NIPDAU Level-1-260C-UNLIM 0 to 70 TL074C |