Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TLC27M2ACDRG4 Arkusz danych(PDF) 48 Page - Texas Instruments

Click here to check the latest version.
Numer części TLC27M2ACDRG4
Szczegółowy opis  LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TLC27M2ACDRG4 Arkusz danych(HTML) 48 Page - Texas Instruments

Back Button TLC27M2ACDRG4 Datasheet HTML 41Page - Texas Instruments TLC27M2ACDRG4 Datasheet HTML 42Page - Texas Instruments TLC27M2ACDRG4 Datasheet HTML 43Page - Texas Instruments TLC27M2ACDRG4 Datasheet HTML 44Page - Texas Instruments TLC27M2ACDRG4 Datasheet HTML 45Page - Texas Instruments TLC27M2ACDRG4 Datasheet HTML 46Page - Texas Instruments TLC27M2ACDRG4 Datasheet HTML 47Page - Texas Instruments TLC27M2ACDRG4 Datasheet HTML 48Page - Texas Instruments TLC27M2ACDRG4 Datasheet HTML 49Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 48 / 49 page
background image
www.ti.com
EXAMPLE STENCIL DESIGN
(5.8)
6X (0.65)
8X (0.45)
8X (1.5)
(R
) TYP
0.05
4221848/A 02/2015
TSSOP - 1.2 mm max height
PW0008A
SMALL OUTLINE PACKAGE
NOTES: (continued)
8. Laser cutting apertures with trapezoidal walls and rounded corners may offer better paste release. IPC-7525 may have alternate
design recommendations.
9. Board assembly site may have different recommendations for stencil design.
SYMM
SYMM
1
4
5
8
SOLDER PASTE EXAMPLE
BASED ON 0.125 mm THICK STENCIL
SCALE:10X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49