| Zakładka z wyszukiwarką danych komponentów |
|
AD10226/PCB Arkusz danych(PDF) 4 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD10226/PCB Arkusz danych(HTML) 4 Page - Analog Devices |
|
4 / 20 page ![]() REV. 0 AD10226 –4– CAUTION ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although the AD10226 features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high-energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality. WARNING! ESD SENSITIVE DEVICE ABSOLUTE MAXIMUM RATINGS * VDD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6 V VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6 V Analog Inputs . . . . . . . . . . . . . . . . . . . . . . 5 V p-p (18 dBm) Digital Inputs . . . . . . . . . . . . . . . . . . . –0.5 V to VDD + 0.5 V Digital Output Current . . . . . . . . . . . . . . . . . . . . . . . . 20 mA Operating Temperature (Ambient) . . . . . . . –55 °C to +125°C Storage Temperature (Ambient) . . . . . . . . . –65 °C to +150°C Maximum Junction Temperature . . . . . . . . . . . . . . . . . 150 °C *Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions outside of those indicated in the operation sections of this specification is not implied. Exposure to absolute maximum ratings for extended periods may affect device reliability. THERMAL CHARACTERISTICS 385-Lead BGA Package: The typical θJA of the module as determined by an IR scan is 26.25 °C/W. tPD AIN ENCODE ENCODE D11 D0 SAMPLE N 1SAMPLE N SAMPLE N 10 SAMPLE N 11 SAMPLE N 9 SAMPLE N 1 1/fS DATA N 11 DATA N 10 N 9 DATA N 1 DATA N DATA N 1 tV N 2 Figure 1. Timing Diagram ORDERING GUIDE Model Temperature Range Package Description Package Option AD10226AB –25 °C to +85°C (Ambient) 385-Lead BGA (35 mm 35 mm) B-385 AD10226/PCB 25 °CEvaluation Board with AD10226AB EXPLANATION OF TEST LEVELS Test Level I 100% production tested II 100% production tested at 25 °C and sample tested at specific temperatures III Sample tested only IV Parameter is guaranteed by design and characterization testing V Parameter is a typical value only VI 100% production tested at 25 °C; guaranteed by design and characterization testing for industrial temperature range Table I. Output Coding (VREF = 2.5 V) (Two’s Complement) Code AIN (V) Digital Output +2047 +0.875 0111 1111 1111 ·· · ·· · 00 0000 0000 0000 –1 –0.000427 1111 1111 1111 ·· · ·· · –2048 –0.875 1000 0000 0000 |