| Zakładka z wyszukiwarką danych komponentów |
|
085CS Arkusz danych(PDF) 3 Page - Vishay Siliconix |
|
|
|||||||||||||||||||||||||||||
085CS Arkusz danych(HTML) 3 Page - Vishay Siliconix |
|
3 / 6 page ![]() Document Number: 28300 For technical questions contact: aluminumcaps1@vishay.com www.vishay.com Revision: 22-Sep-03 3 085 CS Aluminum Capacitors SMD (Chip) Standard Vishay BCcomponents b a d + + c flow-direction of solder Fig.4 Minimum distances between 085 CS capacitors on a printed-circuit board for wave soldering. For dimensions a, b, c and d, refer to Table 3 . Flow direction of solder preferably onto side-walls or plus-side of the capacitors. SOLDERING Soldering conditions are defined by the curve, temperature versus time. The temperature is that measured on the soldering pad during processing. For maximum conditions of different soldering methods see Figs 5, 6 and 7. Any temperature/time curve which does not exceed the specified maximum curves may be applied. AS A GENERAL PRINCIPLE, TEMPERATURE AND DURATION SHALL BE THE MINIMUM NECESSARY REQUIRED TO ENSURE GOOD SOLDERING CONNECTIONS. Table 3 MINIMUM DISTANCES BETWEEN CAPACITORS in millimeters NOMINAL CASE SIZE L × × × × W × × × × H CASE CODE amin bmin cmin dmin 8.8 × 3.7 × 3.9 1a 12 12 6.8 6.8 11.9 × 3.7 × 3.9 1 15 15 6.8 6.8 Table 4 CURING CONDITIONS FOR SMD-GLUE MAX. Tamb (°°°°C) MAX. EXPOSURE TIME (minutes) 125 10 140 3 150 1 160 0.5 250 280 80 050 200 180 150 100 200 220 240 260 160 140 120 100 T PAD ( C) o t (s) Fig.5 Maximum temperature load during infrared reflow soldering. 250 280 80 050 200 180 150 100 200 220 240 260 160 140 120 100 T PAD ( C) o t (s) Fig.6 Maximum temperature load during vapour phase reflow soldering. 250 280 80 050 200 180 150 100 200 220 240 260 160 140 120 100 T PAD ( C) o t (s) Fig.7 Maximum temperature load during (double-) wave soldering. |