| Zakładka z wyszukiwarką danych komponentów |
|
NRF24AP2-USBQ32-R7 Arkusz danych(PDF) 27 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
NRF24AP2-USBQ32-R7 Arkusz danych(HTML) 27 Page - List of Unclassifed Manufacturers |
|
27 / 44 page ![]() Revision 1.0 Page 27 of 44 nRF24AP2-USB Product Specification Figure 15. Status stage The status stage is used to verify the status of the overall request. For a control write transfer the status stage will start with an IN token packet. The nRF24AP2-USB will reply with a DATA packet of zero length if the overall request was successful. A STALL will be returned if an error occurred at any point during the processing of the transfer. A NAK will be returned if the nRF24AP2-USB is still busy processing the trans- fer. Finally the host will send an ACK handshake packet to indicate that it received the status. 5.3.6.2 Control read transfer Figure 16. Setup stage The setup stage starts with a SETUP token packet, followed by a DATA packet detailing the type of request. Finally an ACK handshake packet is sent back by the nRF24AP2-USB if the setup data has been received correctly, otherwise nothing is sent back. Figure 17. Data stage (optional) When the request indicates that the host wants to receive control data, the data stage will be made up of one or more IN transfers. Each IN transfer will start with an IN token packet. The nRF24AP2-USB can reply with a DATA packet, a STALL indicating an error has occurred or a NAK indicating that the data is not DATA0 (0 Bytes) IN ACK STALL (error) NAK (not ready) ACK SETUP nRF24AP2-USB Host DATA0 DATAx IN ACK STALL (error) NAK (not ready) |