Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SBS300FL Arkusz danych(PDF) 1 Page - Mallory Sonalert Products Inc

Numer części SBS300FL
Szczegółowy opis  Rated Voltage (V): 2.8Vp-p Square Wave
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MSPI [Mallory Sonalert Products Inc]
Strona internetowa  https://www.mspindy.com/default.aspx
Logo MSPI - Mallory Sonalert Products Inc

SBS300FL Arkusz danych(HTML) 1 Page - Mallory Sonalert Products Inc

  SBS300FL Datasheet HTML 1Page - Mallory Sonalert Products Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Part #:
Revision:
1546
Not cUL Recognized
1547 cUL Recognized
Before Code Date:
After Code Date:
Recommended Drive
4411 South High School Road, Indianapolis, Indiana 46241 U.S.A ꞏ Phone: (317) 612-1000 Fax: (317) 612-1010
www.mspindy.com
ROHS Compliant
0.56 oz (16 g)
Loudness @ 10 CM:
95 to 105 dB(A) Typ.
Weight (Typical):
Please contact factory.
Options:
Inches [mm]
-30° to +65° C
Housing Material:
8 @ 1-Volt
2.8Vp-p Square Wave
Coil Impedance (Ω):
Rated Voltage (V):
Dimensions:
Leading Wire:
Storage Temperature:
Operating Temperature:
-40° to +85° C
ABS 777D Plastic Resin, Black
Specifications:
SBS300FL
D
Mallory Sonalert Products,Inc.
Sales Outline Drawing
cUL Recognized as capable of meeting Medical Spec IEC60601-1-8
PATENT NUMBER: 7880593
1W Rated 1.5W Max.
325 Hz
Power Rating (W):
28 AWG
Harmonics Present:
Minimum of 4 peaks within ±15dB from 1-4kHz
cUL Recognized
FLEX. STRANDED
CONTROL WIRES
APPROX. 3" LONG
28 AWG INSULATED
Ø0.138 [Ø3.50]
2 places
2.421 [61.5]
Ø1.750 [Ø44.5]
0.591 [15.0]
2.028 [51.5]
RED WIRE (+)
BLACK WIRE (-)


Podobny numer części - SBS300FL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mallory Sonalert Produc...
SBS300PC MSPI-SBS300PC Datasheet
83Kb / 1P
Mode of Operation: Medical Spec IEC60601-1-8
More results

Podobny opis - SBS300FL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
EUROQUARTZ limited
OC11T5S EUROQUARTZ-OC11T5S Datasheet
113Kb / 1P
SC-Cut Crystal - Square Wave - 5.0 Volts
OC18T5S EUROQUARTZ-OC18T5S Datasheet
110Kb / 1P
SC-Cut Crystal - Square Wave - 5.0 Volts
OC31T12A EUROQUARTZ-OC31T12A Datasheet
104Kb / 1P
AT-Cut Crystal - Square Wave - 12.0 Volts
logo
Shenzhen Luguang Electr...
FT-12N-65ME LUGUANG-FT-12N-65ME Datasheet
181Kb / 1P
30Vp-p Square Wave MAX.
FT-12T-66ME LUGUANG-FT-12T-66ME Datasheet
155Kb / 1P
30Vp-p Square Wave MAX.
GSK-2320TE-LZ105 LUGUANG-GSK-2320TE-LZ105 Datasheet
96Kb / 1P
30Vp-p max. square Wave
logo
List of Unclassifed Man...
3003 ETC2-3003 Datasheet
493Kb / 1P
10 MHz Sine/Square Wave Generator
logo
Vishay Siliconix
SI8451DB VISHAY-SI8451DB Datasheet
110Kb / 9P
P-Channel 1.5-V Rated MOSFET
08-Sep-08
logo
EUROQUARTZ limited
OC51T EUROQUARTZ-OC51T Datasheet
280Kb / 2P
SMD Minature Square Wave OCXO
logo
B&K Precision Corporati...
3003 BK-3003 Datasheet
493Kb / 1P
10 MHz Sine/Square Wave Generator
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com