Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

M1E2G8SPI35-LX-R Arkusz danych(PDF) 5 Page - Silicom Ltd.

Numer części M1E2G8SPI35-LX-R
Szczegółowy opis  Eight Port SFP Gigabit Ethernet Express Module Server Adapter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SILICOM [Silicom Ltd.]
Strona internetowa  https://www.silicom-usa.com/
Logo SILICOM - Silicom Ltd.

M1E2G8SPI35-LX-R Arkusz danych(HTML) 5 Page - Silicom Ltd.

  M1E2G8SPI35-LX-R Datasheet HTML 1Page - Silicom Ltd. M1E2G8SPI35-LX-R Datasheet HTML 2Page - Silicom Ltd. M1E2G8SPI35-LX-R Datasheet HTML 3Page - Silicom Ltd. M1E2G8SPI35-LX-R Datasheet HTML 4Page - Silicom Ltd. M1E2G8SPI35-LX-R Datasheet HTML 5Page - Silicom Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Silicom Ltd. Connectivity Solutions
Page
5
Controlled). Ambient temperature 40°C
LEDs
LEDs:
Each port has its Yellow- Green bi- color Link speed LED:
Turns on Yellow for 1G Link.
Blinks on Yellow for 1G activity.
Turns on Green for 100M Link.
Blinks on Yellow for 100M activity
LEDs location:
LEDs are located on the PCB, visible via holes in the pannel. Each port has its Yellow- Green
bi- color Link speed LED
Connectors:
(4) Dual Small Form Factor Pluggable (SFP) Cage (2X1)
Order Information
P/N
Description
Notes
M1E2G8SPI35-X-R
Eight Port SFP Gigabit Ethernet ExpressModule
Server Adapter
X8, Based on Intel i350AM4, PCI-E
ExpressModule, RoHS compliant
M1E2G8SPI35-SX-R
Eight Port Fiber (SX) Gigabit Ethernet
ExpressModule Server Adapter
X8, Based on Intel i350AM4, PCI-E
ExpressModule, RoHS compliant, SX
M1E2G8SPI35-LX-R
Eight Port Fiber (LX) Gigabit Ethernet
ExpressModule Server Adapter
X8, Based on Intel i350AM4, PCI-E
ExpressModule, RoHS compliant, LX
-R: RoHS Compliant / Lead free adapter
-C: with canister
Advanced features may require driver software support
1V2



Html Pages

1 2 3 4 5