Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LP0701N3G Arkusz danych(PDF) 8 Page - Microchip Technology

Numer części LP0701N3G
Szczegółowy opis  P-Channel Enhancement-Mode Lateral MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROCHIP [Microchip Technology]
Strona internetowa  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LP0701N3G Arkusz danych(HTML) 8 Page - Microchip Technology

Back Button LP0701N3G Datasheet HTML 4Page - Microchip Technology LP0701N3G Datasheet HTML 5Page - Microchip Technology LP0701N3G Datasheet HTML 6Page - Microchip Technology LP0701N3G Datasheet HTML 7Page - Microchip Technology LP0701N3G Datasheet HTML 8Page - Microchip Technology LP0701N3G Datasheet HTML 9Page - Microchip Technology LP0701N3G Datasheet HTML 10Page - Microchip Technology LP0701N3G Datasheet HTML 11Page - Microchip Technology LP0701N3G Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
LP0701
DS20005447A-page 8
 2018 Microchip Technology Inc.
5.0
PACKAGING INFORMATION
5.1
Package Marking Information
Legend: XX...X
Product Code or Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC® designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for product code or customer-specific information. Package may or
not include the corporate logo.
3
e
3
e
3-lead TO-92
YWWNNN
XXXXXX
XXe3
Example
812325
LP0701
N3 e3
8-lead SOIC
Example
NNN
XXXXXXX
YYWW
e3
874
LP0701LG
1836
e3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14