| Zakładka z wyszukiwarką danych komponentów |
|
TC6320 Arkusz danych(PDF) 6 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
TC6320 Arkusz danych(HTML) 6 Page - Microchip Technology |
|
6 / 14 page ![]() TC6320 DS20005697A-page 6 2017 Microchip Technology Inc. 2.0 PIN DESCRIPTION Table 2-1 and Table 2-2 show the description of pins in TC6320 8-lead DFN and 8-lead SOIC, respectively. Refer to Package Types for the location of pins. TABLE 2-1: 8-LEAD DFN PIN FUNCTION TABLE Pin Number Pin Name Description 1 SN Source N-channel 2 GN Gate N-channel 3 GP Gate P-channel 4 SP Source P-channel 5 DP Drain P-channel 6 DP Drain P-channel 7 DN Drain N-channel 8 DN Drain N-channel TABLE 2-2: 8-LEAD SOIC FUNCTION TABLE Pin Number Pin Name Description 1 SN Source N-channel 2 GN Gate N-channel 3 SP Source P-channel 4 GP Gate P-channel 5 DP Drain P-channel 6 DP Drain P-channel 7 DN Drain N-channel 8 DN Drain N-channel |