| Zakładka z wyszukiwarką danych komponentów |
|
FS32K112BHTXMLQTR Arkusz danych(PDF) 87 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
FS32K112BHTXMLQTR Arkusz danych(HTML) 87 Page - NXP Semiconductors |
|
87 / 100 page ![]() Table 55. Thermal characteristics for 32-pin QFN and 48/64/100/144/176-pin LQFP package (continued) Rating Conditions Symbol Package Values (in °C/W) S32K116 S32K118 S32K142 S32K142 W S32K144 S32K144 W S32K146 S32K148 176 Thermal resistance, Junction to Package Top7 Natural Convection ψJT 32 1 NA NA NA NA NA NA NA 48 4 2 2 2 2 2 NA NA 64 NA 2 2 2 2 2 2 NA 100 NA NA 2 NA 2 NA 2 1 144 NA NA NA NA NA NA 2 1 176 NA NA NA NA NA NA NA 1 1. Junction temperature is a function of die size, on-chip power dissipation, package thermal resistance, mounting site (board) temperature, ambient temperature, air flow, power dissipation of other components on the board, and board thermal resistance. 2. Per JEDEC JESD51-2 with natural convection for horizontally oriented board. Board meets JESD51-9 specification for 1s or 2s2p board, respectively. 3. Per JEDEC JESD51-6 with forced convection for horizontally oriented board. Board meets JESD51-9 specification for 1s or 2s2p board, respectively. 4. Thermal resistance between the die and the printed circuit board per JEDEC JESD51-8. Board temperature is measured on the top surface of the board near the package. 5. Thermal resistance between the die and the case top surface as measured by the cold plate method (MIL SPEC-883 Method 1012.1). 6. Thermal resistance between the die and the solder pad on the bottom of the package. Interface resistance is ignored. 7. Thermal characterization parameter indicating the temperature difference between package top and the junction temperature per JEDEC JESD51-2. When Greek letters are not available, the thermal characterization parameter is written as Psi-JT. |