| Zakładka z wyszukiwarką danych komponentów |
|
ADAR2001 Arkusz danych(PDF) 3 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADAR2001 Arkusz danych(HTML) 3 Page - Analog Devices |
|
3 / 39 page ![]() Data Sheet ADAR2001 Rev. 0 | Page 3 of 39 SPECIFICATIONS VPOS1, VPOS3, VPOS4, VPOS5 = 2.5 V, VPOS2 = VREG, TA = −40°C to +85°C, unless otherwise noted. Table 1. Parameter Test Conditions/Comments Min Typ Max Unit RF INPUT Frequency Range 2.5 10 GHz Impedance 50 Ω Return Loss −15 dB Power Range −25 −20 −10 dBm RF OUTPUT Frequency Range 10 40 GHz Output Power Input power (PIN) = −20 dBm 5 dBm Multiplier enabled, PA disabled −30 dBm Multiplier and PA disabled −80 dBm Channel Isolation Disabled channel to active channel −50 dBc Ready channel to active channel −50 dBc Channel to Channel Switching Frequency Using ready mode 100 MHz Phase Noise 10 GHz Output 10 kHz offset 120 dBc/Hz 100 kHz offset 123 dBc/Hz 1 MHz offset 129 dBc/Hz 20 GHz Output 10 kHz offset 121 dBc/Hz 100 kHz offset 119 dBc/Hz 1 MHz offset 131 dBc/Hz 30 GHz Output 10 kHz offset 119 dBc/Hz 100 kHz offset 117 dBc/Hz 1 MHz offset 129 dBc/Hz 40 GHz Output 10 kHz offset 115 dBc/Hz 100 kHz offset 116 dBc/Hz 1 MHz offset 127 dBc/Hz Differential Impedance 100 Ω Differential Return Loss 8 dB HARMONIC FILTERING Input Frequency Second Harmonic Rejection −40 dBc Third Harmonic Rejection −40 dBc Output Frequency Second Harmonic Rejection −25 dBc Third Harmonic Rejection −20 dBc STATE MACHINES AND TIMING Minimum Pulse Width MADV, MRST 3 ns TxADV, TxRST 3 ns Minimum Pulse Separation Pulse start to pulse start MADV, MRST 10 ns TxADV, TxRST 10 ns Switching Frequency Using ready mode 100 MHz |