Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM358ADE4 Arkusz danych(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Numer części LM358ADE4
Szczegółowy opis  Industry-Standard Dual Operational Amplifiers
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

LM358ADE4 Arkusz danych(HTML) 3 Page - Texas Instruments

  LM358ADE4 Datasheet HTML 1Page - Texas Instruments LM358ADE4 Datasheet HTML 2Page - Texas Instruments LM358ADE4 Datasheet HTML 3Page - Texas Instruments LM358ADE4 Datasheet HTML 4Page - Texas Instruments LM358ADE4 Datasheet HTML 5Page - Texas Instruments LM358ADE4 Datasheet HTML 6Page - Texas Instruments LM358ADE4 Datasheet HTML 7Page - Texas Instruments LM358ADE4 Datasheet HTML 8Page - Texas Instruments LM358ADE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 56 page
background image
3
LM158, LM158A, LM258, LM258A
LM358, LM358A, LM358B, LM358BA, LM2904, LM2904B, LM2904BA, LM2904V
www.ti.com
SLOS068X – JUNE 1976 – REVISED JUNE 2020
Product Folder Links: LM158 LM158A LM258 LM258A LM358 LM358A LM358B LM358BA LM2904 LM2904B
LM2904BA LM2904V
Submit Documentation Feedback
Copyright © 1976–2020, Texas Instruments Incorporated
Changed text in the second paragraph of the Description section......................................................................................... 1
Added devices LM358B and LM2904B to data sheet ............................................................................................................ 1
Changed the first three rows of the Device Information table and added a a cross-referenced note for PREVIEW-
status devices ......................................................................................................................................................................... 1
Added Device Comparison table ........................................................................................................................................... 4
Added a table note to the Pin Functions table ...................................................................................................................... 5
Changed "free-air temperature" to "ambient temperature" in the Absolute Maximum Ratings condition statement ............. 6
Changed all entries in the Absolute Maximum Ratings table except TJ and Tstg .................................................................. 6
Deleted lead temperature and case temperature from Absolute Maximum Ratings.............................................................. 6
Changed device listings and their voltage values in the ESD Ratings table ......................................................................... 6
Changed "free-air temperature" to "ambient temperature" in the Recommended Operating Conditions condition
statement ............................................................................................................................................................................... 7
Changed table entries for all parameters in the Recommended Operating Conditions table ................................................ 7
Added rows to the Thermal Information table, and a table note regarding device-package combinations .......................... 7
Deleted the Operating Conditions table................................................................................................................................ 13
Added a condition statement to the Typical Characteristics section .................................................................................... 21
Changed specific voltages to a Recommended Operating Conditions reference................................................................ 24
Changed unity-gain bandwidth from 0.7 MHz for all devices to 1.2 MHz for B-version devices.......................................... 25
Changed slew rate from.3 V/µs for all devices to o.5 V/µs for B-version devices................................................................ 25
Changed the Input Common Mode Range section in multiple places throughout ............................................................... 25
Changed VCC to VS in the Application Information section .................................................................................................. 26
Subscripted the suffixes fro RI and RF.................................................................................................................................. 26
Changed Operational Amplifier Board Layout for Noninverting Configuration with an image that includes a dual op amp 28
Added Preview designation to the LM358B and LM2904B devices in Table 1 ................................................................... 29
Changes from Revision T (April 2015) to Revision U
Page
Changed data sheet title......................................................................................................................................................... 1
Added Receiving Notification of Documentation Updates section and Community Resources section ............................. 29
Changes from Revision S (January 2014) to Revision T
Page
Added Applications section, ESD Ratings table, Feature Description section, Device Functional Modes, Application
and Implementation section, Power Supply Recommendations section, Layout section, Device and Documentation
Support section, and Mechanical, Packaging, and Orderable Information section ............................................................... 1
Changes from Revision R (July 2010) to Revision S
Page
Converted this data sheet from the QS format to DocZone using the PDF on the web ........................................................ 1
Deleted Ordering Information table ........................................................................................................................................ 1
Updated Features to include Military Disclaimer .................................................................................................................... 1
Added Typical Characteristics section.................................................................................................................................. 21
Added ESD warning ............................................................................................................................................................. 29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56