Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FS32K112BHTXMLUTR Arkusz danych(PDF) 26 Page - NXP Semiconductors

Numer części FS32K112BHTXMLUTR
Szczegółowy opis  Low-power Arm Cortex-M4F/M0 core with excellent energy efficiency
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS32K112BHTXMLUTR Arkusz danych(HTML) 26 Page - NXP Semiconductors

Back Button FS32K112BHTXMLUTR Datasheet HTML 22Page - NXP Semiconductors FS32K112BHTXMLUTR Datasheet HTML 23Page - NXP Semiconductors FS32K112BHTXMLUTR Datasheet HTML 24Page - NXP Semiconductors FS32K112BHTXMLUTR Datasheet HTML 25Page - NXP Semiconductors FS32K112BHTXMLUTR Datasheet HTML 26Page - NXP Semiconductors FS32K112BHTXMLUTR Datasheet HTML 27Page - NXP Semiconductors FS32K112BHTXMLUTR Datasheet HTML 28Page - NXP Semiconductors FS32K112BHTXMLUTR Datasheet HTML 29Page - NXP Semiconductors FS32K112BHTXMLUTR Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 100 page
background image
1.
All power numbers listed in this table are typical power numbers
2.
Current numbers are quoted for a certain application code and may vary on user configuration and silicon process variation.
3.
The power numbers are not strictly for the VLPS mode operation alone, but also includes power due to periodic wakeup. The power therefore includes wakeup
plus VLPS mode activity. This leads to greater dependence of power numbers on application code.
4.
The single LPSPI used is LPSPI1 in S32K14X devices but LPSPI0 in S32K11x devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100