| Zakładka z wyszukiwarką danych komponentów |
|
MAS35X9F Arkusz danych(PDF) 66 Page - Micronas |
|
|
|||||||||||||||||||||||||||||
MAS35X9F Arkusz danych(HTML) 66 Page - Micronas |
|
66 / 92 page ![]() MAS 35x9F DATA SHEET 66 June 30, 2004; 6251-505-1DS Micronas VSUP2 Supply Voltage 2 VDD, XVDD, I2CVDD, AVDD0/11) −0.3 6 V VSUP3 Supply Voltage 3 VDD, XVDD, I2CVDD, AVDD0/11) −0.3 6 V VII2C Input Voltage, I2C pins I2CC, I2CD −0.3 6 V VID Input Voltage all digital inputs −0.3 VSUP + 0.3 V IID Input Current all digital inputs −20 +20 mA VIA Input Voltage all analog inputs −0.3 VSUP + 0.3 V IIA Input Current all analog inputs −5+5 mA IOaudio Output Current, audio output2) OUTL/R −0.2 0.2 A IOdig Output Current, all digital outputs3) −50 +50 mA IOdcdc1 Output Current DCDC converter 1 DCSO1 1.5 A IOdcdc2 Output Current DCDC converter 2 DCSO2 1.5 A 1) Both AVDD0 and AVDD1 have to be connected together! 2) These pins are not short-circuit-proof! 3) Total chip power dissipation must not exceed maximum rating. Table 4–1: Absolute Maximum Ratings, continued Symbol Parameter Pin Name Limit Values Unit Min. Max. |