| Zakładka z wyszukiwarką danych komponentów |
|
PE2G4BPI80-SD-R Arkusz danych(PDF) 1 Page - Silicom Ltd. |
|
|
|||||||||||||||||||||||||||||
PE2G4BPI80-SD-R Arkusz danych(HTML) 1 Page - Silicom Ltd. |
|
1 / 6 page ![]() Silicom Ltd. Connectivity Solutions Page 1 PE2G4BPI80 Bypass Adapter Quad Port Copper Gigabit Ethernet PCI Express Bypass Server Adapter Intel® 82580EB Based Product Description Silicom’s Quad Port Copper Gigabit Ethernet PCI Express Bypass server adapter is a PCI-Express X4 network interface card that contains four ports on a PCI-E adapter. Silicom’s Quad Port Gigabit Ethernet Bypass server adapter supports Normal, Disconnect and Bypass modes. In Normal mode, the ports are independent interfaces. In Bypass mode, all packets received from one port are transmitted to adjacent port. In Disconnect mode, the adapter simulates switch / rout cable disconnection. In Bypass mode, the connections of the Ethernet ports are disconnected from the system and switched over to the other port to create a crossed connection loop-back between the Ethernet ports. Hence, in bypass mode all packets received from one port are transmitted to the adjacent port and vice versa. This feature enables to bypass a failed system and provides maximum up time for the network. In Disconnect mode, the adapter simulates switch / router cable disconnection. In Disconnect mode, the switch / router does not detect link partner of the adapter. Silicom’s Quad Port Copper Gigabit Ethernet PCI Express Bypass server adapters include an on board WDT (Watch Dog Timer) controller. The adapter’s software drivers or software application can write commands to the on board WDT controller. The adapter’s software drivers, WDT controller and the Bypass circuitry provide an interface that control and manage the mode of the adapter. Silicom’s Quad Port Copper Gigabit Ethernet PCI Express Bypass server adapters are based on Intel 82580EB Ethernet controller. Key Features Bypass: Bypass / Disconnect Ethernet ports on Power Fail, System Hangs or Software Application Hangs Software programmable Bypass, Disconnect or Normal Mode On Board Watch Dog Timer (WDT) Controller Software programmable time out interval Software Programmable WDT Enable / Disable counter Software programmable Bypass Capability Enable / Disable Software Programmable Disconnect Capability Enable / Disable Software Programmable mode (Bypass, Normal or Disconnect mode) at Power up |
Podobny numer części - PE2G4BPI80-SD-R |
|
Podobny opis - PE2G4BPI80-SD-R |