| Zakładka z wyszukiwarką danych komponentów |
|
PE2G4SFPI80-LX-R Arkusz danych(PDF) 1 Page - Silicom Ltd. |
|
|
|||||||||||||||||||||||||||||
PE2G4SFPI80-LX-R Arkusz danych(HTML) 1 Page - Silicom Ltd. |
|
1 / 6 page ![]() Silicom Ltd. Connectivity Solutions Page 1 PE2G4SFPI80 Quad Port SFP Gigabit Ethernet PCI Express Server Adapter Intel® 82580EB Based Product Description Silicom’s Quad Port SFP Gigabit Ethernet PCI Express Server adapter is PCI-Express X4 SFP Gigabit Ethernet network interface card that contain Multiple Gigabit ports on a PCI-Express adapter. Silicom’s Quad Port SFP Gigabit Ethernet PCI Express Server adapter is designed for Servers and high-end appliances. The performance is optimized so that system I/O is not the bottleneck in high-performance networking applications. Silicom’s Quad Port SFP Gigabit Ethernet PCI Express Server adapter enable fault-tolerant via teaming. Traffic from the failed port is routed through other members of the team. Silicom’s Quad Port SFP Gigabit Ethernet PCI Express Server adapter has an integrated hardware acceleration that performs TCP/UDP/IP checksum offload and TCP segmentation. The host processing offloads accelerators frees CPU for application processing. Silicom’s Quad Port SFP Gigabit Ethernet PCI Express Server adapter is the ideal solution for implementing multiple network segments, mission-critical high-powered networking applications and environments within high performance servers. Silicom’s Quad Port SFP Gigabit Ethernet server adapter is based on Intel 82580 Quad port Gigabit Ethernet MAC+PHY of Intel Controller. Key Features Performance Features: 8 Transmit and Receive queues per port Up to 8 queues of Receive Side Scaling (RSS) minimize CPU utilization across multiple processor systems Support for 8 pools (single queue) of virtual machine Device Queues (VMDq) per port Support Direct Cache Access (DCA) Support Intel I/O Acceleration Technology v3.0. TSO interleaving for reduced latency Minimized device I/O interrupts using MSI and MSI-X UDP, TCP and IP checksum offload UDP and TCP transmit segmentation offload (TSO) SCTP receive and transmit checksum offload Packet interrupt coalescing timers (packet timers) and absolute- delay interrupt timers for both transmit and receive operation |
Podobny numer części - PE2G4SFPI80-LX-R |
|
Podobny opis - PE2G4SFPI80-LX-R |