Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SCE028LA2DP3B Arkusz danych(PDF) 1 Page - Mallory Sonalert Products Inc

Numer części SCE028LA2DP3B
Szczegółowy opis  Voltage Rating 16 to 28 VAC
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MSPI [Mallory Sonalert Products Inc]
Strona internetowa  https://www.mspindy.com/default.aspx
Logo MSPI - Mallory Sonalert Products Inc

SCE028LA2DP3B Arkusz danych(HTML) 1 Page - Mallory Sonalert Products Inc

  SCE028LA2DP3B Datasheet HTML 1Page - Mallory Sonalert Products Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Part #:
Revision:
Slow Double Pulse @ 0.5 PPS
Specifications:
SCE028LA2DP3B
B
Mallory Sonalert Products,Inc.
Sales Outline Drawing
2000 ± 500 Hz
Loud
16 to 28 VAC
Weight (Typical)
Voltage Rating
6/6 Nylon, Color: Black
Frequency
Loudness @ 2 FT
Current Draw
Sound Level Category
Mode of Operation
cUL Recognized
Dimensions:
Housing Material
Storage Temperature
85 to 95 dB(A) Typ.
40mA MAX
-40° to +85° C
cUL Recognition
cUL Recognized
Recommended hole size is 1.25"(31.75mm). Thread front will fit standard 30mm(1.181") hole.
Knurled Nut
-40° to +85° C
Operating Temperature
Panel Mounting
NEMA 3R,4X, & 12
4411 South High School Road, Indianapolis, Indiana 46241 U.S.A · Phone: (317) 612-1000 Fax: (317) 612-1010
www.mallory-sonalert.com
ROHS Compliant
Used to attach part to panel. The max recommended torque is 10 in-lbs.
1.6 oz (45g)
Approved with use of ACC03.
Please contact factory.
Options
Inches (mm)
T
®
R
S o l u t i o n s
L E
A
N
O
M a d e i n U . S . A .
S


Podobny numer części - SCE028LA2DP3B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mallory Sonalert Produc...
SCE028LA2DP2B MSPI-SCE028LA2DP2B Datasheet
55Kb / 1P
Voltage Rating 16 to 28 VAC
More results

Podobny opis - SCE028LA2DP3B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mallory Sonalert Produc...
SCE028LA3CTB MSPI-SCE028LA3CTB Datasheet
47Kb / 1P
Voltage Rating 16 to 28 VAC
SCE028LA3DP3S MSPI-SCE028LA3DP3S Datasheet
42Kb / 1P
Voltage Rating 16 to 28 VAC
SCE028LA3FP1B MSPI-SCE028LA3FP1B Datasheet
68Kb / 1P
Voltage Rating 16 to 28 VAC
SCE028SA3DP3B MSPI-SCE028SA3DP3B Datasheet
55Kb / 1P
Voltage Rating 16 to 28 VAC
SCE028SA3ED5B MSPI-SCE028SA3ED5B Datasheet
55Kb / 1P
Voltage Rating 16 to 28 VAC
SCE028XA2SP1B MSPI-SCE028XA2SP1B Datasheet
55Kb / 1P
Voltage Rating 16 to 28 VAC
SCE028XA3DP3B MSPI-SCE028XA3DP3B Datasheet
68Kb / 1P
Voltage Rating 16 to 28 VAC
SCE028XA3PS1B MSPI-SCE028XA3PS1B Datasheet
68Kb / 1P
Voltage Rating 16 to 28 VAC
SCE028XA3QP1B MSPI-SCE028XA3QP1B Datasheet
68Kb / 1P
Voltage Rating 16 to 28 VAC
SCE028XA3SU1B MSPI-SCE028XA3SU1B Datasheet
60Kb / 1P
Voltage Rating 16 to 28 VAC
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com