| Zakładka z wyszukiwarką danych komponentów |
|
TL072ACDRE4 Arkusz danych(PDF) 48 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TL072ACDRE4 Arkusz danych(HTML) 48 Page - Texas Instruments |
|
48 / 80 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 10-Nov-2020 Addendum-Page 3 Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead finish/ Ball material (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples TL072ACPE4 ACTIVE PDIP P 8 50 Pb-Free (RoHS) NIPDAU N / A for Pkg Type 0 to 70 TL072ACP TL072BCD ACTIVE SOIC D 8 75 Green (RoHS & no Sb/Br) NIPDAU Level-1-260C-UNLIM 0 to 70 072BC TL072BCDE4 ACTIVE SOIC D 8 75 Green (RoHS & no Sb/Br) NIPDAU Level-1-260C-UNLIM 0 to 70 072BC TL072BCDG4 ACTIVE SOIC D 8 75 Green (RoHS & no Sb/Br) NIPDAU Level-1-260C-UNLIM 0 to 70 072BC TL072BCDR ACTIVE SOIC D 8 2500 Green (RoHS & no Sb/Br) NIPDAU Level-1-260C-UNLIM 0 to 70 072BC TL072BCDRG4 ACTIVE SOIC D 8 2500 Green (RoHS & no Sb/Br) NIPDAU Level-1-260C-UNLIM 0 to 70 072BC TL072BCP ACTIVE PDIP P 8 50 Pb-Free (RoHS) NIPDAU N / A for Pkg Type 0 to 70 TL072BCP TL072BCPE4 ACTIVE PDIP P 8 50 Pb-Free (RoHS) NIPDAU N / A for Pkg Type 0 to 70 TL072BCP TL072CD ACTIVE SOIC D 8 75 Green (RoHS & no Sb/Br) NIPDAU Level-1-260C-UNLIM 0 to 70 TL072C TL072CDE4 ACTIVE SOIC D 8 75 Green (RoHS & no Sb/Br) NIPDAU Level-1-260C-UNLIM 0 to 70 TL072C TL072CDG4 ACTIVE SOIC D 8 75 Green (RoHS & no Sb/Br) NIPDAU Level-1-260C-UNLIM 0 to 70 TL072C TL072CDR ACTIVE SOIC D 8 2500 Green (RoHS & no Sb/Br) NIPDAU Level-1-260C-UNLIM 0 to 70 TL072C TL072CDRE4 ACTIVE SOIC D 8 2500 Green (RoHS & no Sb/Br) NIPDAU Level-1-260C-UNLIM 0 to 70 TL072C TL072CDRG4 ACTIVE SOIC D 8 2500 Green (RoHS & no Sb/Br) NIPDAU Level-1-260C-UNLIM 0 to 70 TL072C TL072CP ACTIVE PDIP P 8 50 Green (RoHS & no Sb/Br) NIPDAU N / A for Pkg Type 0 to 70 TL072CP TL072CPE4 ACTIVE PDIP P 8 50 Green (RoHS & no Sb/Br) NIPDAU N / A for Pkg Type 0 to 70 TL072CP TL072CPS ACTIVE SO PS 8 80 Green (RoHS & no Sb/Br) NIPDAU Level-1-260C-UNLIM 0 to 70 T072 |