| Zakładka z wyszukiwarką danych komponentów |
|
MWCT2014SFVLLPT Arkusz danych(PDF) 8 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MWCT2014SFVLLPT Arkusz danych(HTML) 8 Page - NXP Semiconductors |
|
8 / 65 page ![]() 3.2 Ordering information Product status P: Pre Qualification M: Fully Qualified Product line WCT: Wireless Charging Technology Generation 1: 1st product Gen 2: 2nd product Gen Core platform F: Arm Cortex M4F Memory size (Flash) Temperature V: -40C to 105C Tape and Reel T: Trays and Tubes R: Tape and Reel Package LQFP BGA 64 LH Pins 100 LL MH - Application Blank =Customer A = Auto/Industr S = A + AUTOSAR Power Class 0 = 5 W 1 = 15 W 2 = 60 W 3 =200 W Config 0 = Standard 1 = Premium Product status Product line Generation Config Power Class Memory Size Application Core Platform Temperature Package Features Tape and Reel Features P = No CAN-FD and CSEc M/P WCT 1 0 1 4 S F V LH P N R M4F 4 5 6 512 K 1 M 2 M Includes stack Blank = No stack N = NFC Includes stack Figure 3. Ordering information Ordering parts MWCT101XS Data Sheet, Rev. 3, 12/2019 8 NXP Semiconductors |